Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-565ATD-2 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI1-565ATD-2
Description  High Speed, Monolithic D/A Converter with Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-565ATD-2 Datasheet(HTML) 1 Page - Intersil Corporation

  HI1-565ATD-2 Datasheet HTML 1Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 2Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 3Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 4Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 5Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 6Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 7Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 8Page - Intersil Corporation HI1-565ATD-2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
3109.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HI-565A
High Speed, Monolithic D/A Converter
with Reference
The HI-565A is a fast, 12-bit, current output, digital-to-analog
converter. The monolithic chip includes a precision voltage
reference, thin-film R2R ladder, reference control amplifier
and twelve high speed bipolar current switches.
The Intersil dielectric isolation process provides latch free
operation while minimizing stray capacitance and leakage
currents, to produce an excellent combination of speed and
accuracy. Also, ground currents are minimized to produce a
low and constant current through the ground terminal, which
reduces error due to code dependent ground currents.
HI-565A dice are laser trimmed for a maximum integral
nonlinearity error of
±0.5 LSB at 25oC. In addition, the low
noise buried zener reference is trimmed both for absolute
value and temperature coefficient. Power dissipation is
typically 250mW, with
±15V supplies.
The HI-565A is offered in both commercial and military
grades. See Ordering Information.
Features
• 12-Bit DAC and Reference on a Single Chip
• Pin Compatible With AD565A
• Very High Speed: Settles to
±0.5 LSB in 250ns (Max)
Full Scale Switching Time 30ns (Typ)
• Guaranteed For Operation With
±12V Supplies
• Monotonicity Guaranteed Over Temperature
• Nonlinearity Guaranteed Over Temp (Max) . . . .
±0.5 LSB
• Low Gain Drift (Max, DAC Plus Ref) . . . . . . . . .25ppm/oC
• Low Power Dissipation . . . . . . . . . . . . . . . . . . . . .250mW
Applications
• CRT Displays
• High Speed A/D Converters
• Signal Reconstruction
• Waveform Synthesis
Ordering Information
PART NUMBER
LINEARITY (INL)
LINEARITY (DNL)
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
HI1-565AJD-5
0.50 LSB
0.75 LSB
0 to 75
24 Ld SBDIP
D24.6
HI1-565AKD-5
0.25 LSB
0.50 LSB
0 to 75
24 Ld SBDIP
D24.6
HI1-565ASD-2
0.50 LSB
0.75 LSB
-55 to 125
24 Ld SBDIP
D24.6
HI1-565ATD-2
0.25 LSB
0.50 LSB
-55 to 125
24 Ld SBDIP
D24.6
HI1-565ASD/883
0.50 LSB
0.50 LSB
-55 to 125
24 Ld SBDIP
D24.6
HI1-565ATD/883
0.25 LSB
0.50 LSB
-55 to 125
24 Ld SBDIP
D24.6
Pinout
HI-565A (SBDIP)
TOP VIEW
Functional Diagram
1
2
3
4
5
6
7
8
9
10
11
12
NC
NC
VCC
REF OUT (+10V)
REF GND
REF IN
-VEE
BIPOLAR R IN
IDAC OUT
10V SPAN R
20V SPAN R
POWER GND
16
17
18
19
20
21
22
23
24
15
14
13
BIT 1 (MSB) IN
BIT 3 IN
BIT 4 IN
BIT 5 IN
BIT 6 IN
BIT 8 IN
BIT 10 IN
BIT 11 IN
BIT 12 (LSB) IN
BIT 2 IN
BIT 7 IN
BIT 9 IN
REF
VCC
43
+
-
6
REF
IN
19.95K
5
REF
GND
3.5K
3K
IREF 0.5mA
712
-VEE PWR
GND
MSB
LSB
HI-565A
24 . . .
. . .13
BIP. OFF
8
9.95K
DAC
IO
(4X IREF
X CODE)
11 20V
SPAN
10V
SPAN
OUT
10
9
2.5K
5K
5K
OUT
+
-
Data Sheet
June 1999


Similar Part No. - HI1-565ATD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-565ATD-2 INTERSIL-HI1-565ATD-2 Datasheet
273Kb / 9P
   High Speed, Monolithic D/A Converter with Reference
HI1-565ATD-2 INTERSIL-HI1-565ATD-2 Datasheet
375Kb / 10P
   High Speed, Monolithic D/A Conv with Reference
October 1, 2015
logo
Renesas Technology Corp
HI1-565ATD-2 RENESAS-HI1-565ATD-2 Datasheet
493Kb / 10P
   High Speed, Monolithic D/A Converter with Reference
Oct 15, 2015
More results

Similar Description - HI1-565ATD-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-565A RENESAS-HI-565A Datasheet
493Kb / 10P
   High Speed, Monolithic D/A Converter with Reference
Oct 15, 2015
logo
Intersil Corporation
HI-565A INTERSIL-HI-565A_02 Datasheet
273Kb / 9P
   High Speed, Monolithic D/A Converter with Reference
HI1-565ATD-2 INTERSIL-HI1-565ATD-2 Datasheet
375Kb / 10P
   High Speed, Monolithic D/A Conv with Reference
October 1, 2015
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
AD9002 AD-AD9002 Datasheet
154Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. D
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
logo
List of Unclassifed Man...
UVC3130 ETC1-UVC3130 Datasheet
567Kb / 9P
   HIGH-SPEED A/D-D/A CONVERTER
logo
Analog Devices
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com