Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC24M05AHF Datasheet(PDF) 8 Page - NEC

Part # UPC24M05AHF
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC24M05AHF Datasheet(HTML) 8 Page - NEC

Back Button UPC24M05AHF Datasheet HTML 4Page - NEC UPC24M05AHF Datasheet HTML 5Page - NEC UPC24M05AHF Datasheet HTML 6Page - NEC UPC24M05AHF Datasheet HTML 7Page - NEC UPC24M05AHF Datasheet HTML 8Page - NEC UPC24M05AHF Datasheet HTML 9Page - NEC UPC24M05AHF Datasheet HTML 10Page - NEC UPC24M05AHF Datasheet HTML 11Page - NEC UPC24M05AHF Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
µPC24M00A Series
µPC24M18A (VIN = 25 V, IO = 350 mA, TJ = 25 ˚C, Unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Output Voltage
VO
17.64
18
18.36
V
17.46
18.54
19 V
≤ VIN ≤ 28 V, 5 mA ≤ IO ≤ 350 mA,
0 ˚C
≤ TJ ≤ 125 ˚C
17.46
18.54
5 mA
≤ IO ≤ 500 mA, 0 ˚C ≤ TJ ≤ 125 ˚C
Line Regulation
REGIN
18
180
mV
20 V
≤ VIN ≤ 28 V
Load Regulation
REGL
11
90
mV
5 mA
≤ IO ≤ 500 mA
Quiescent Current
IBIAS
2.5
3.2
mA
IO = 0
830
IO = 500 mA
Start-up Current
IBIAS(S)
15
mA
VIN = 17.5 V, IO = 0 mA
45
VIN = 17.5 V, IO = 500 mA
Quiescent Current Change
∆IBIAS
10
mA
20 V
≤ VIN ≤ 28 V, IO = 500 mA
Output Noise Voltage
Vn
350
µVrms
10 Hz
≤ f ≤ 100 kHz
Ripple Rejection
R·R
44
49
dB
f = 120 Hz, 20 V
≤ VIN ≤ 28 V
Dropout Voltage
VDIF
0.5
1.0
V
IO = 500 mA, 0 ˚C
≤ TJ ≤ 125 ˚C
Short Circuit Current
IOshort
0.4
A
VIN = 28 V
Peak Output Current
IOpeak
0.72
1.0
1.6
A
VIN = 25 V
Temperature Coefficient of
∆VO/∆T
2.2
mV/˚C
IO = 5 mA, 0 ˚C
≤ TJ ≤ 125 ˚C
Output Voltage


Similar Part No. - UPC24M05AHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC24M05AHF RENESAS-UPC24M05AHF Datasheet
316Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1995
More results

Similar Description - UPC24M05AHF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com