Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-5047-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI1-5047-5
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-5047-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI1-5047-5 Datasheet HTML 2Page - Intersil Corporation HI1-5047-5 Datasheet HTML 3Page - Intersil Corporation HI1-5047-5 Datasheet HTML 4Page - Intersil Corporation HI1-5047-5 Datasheet HTML 5Page - Intersil Corporation HI1-5047-5 Datasheet HTML 6Page - Intersil Corporation HI1-5047-5 Datasheet HTML 7Page - Intersil Corporation HI1-5047-5 Datasheet HTML 8Page - Intersil Corporation HI1-5047-5 Datasheet HTML 9Page - Intersil Corporation HI1-5047-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 2A. LEAKAGE CURRENTS vs TEMPERATURE
FIGURE 2B. TEST CIRCUITS
FIGURE 2. LEAKAGE CURRENTS
FIGURE 3A. NORMALIZED ON RESISTANCE vs ANALOG
CURRENT
FIGURE 3B. TEST CIRCUIT
FIGURE 3. NORMALIZED ON RESISTANCE
FIGURE 4A. OFF ISOLATION vs FREQUENCY
FIGURE 4B. TEST CIRCUIT
FIGURE 4C. OFF ISOLATION
Test Circuits and Waveforms TA = 25oC, V+ = +15V, V- = -15V, VL = +5V, VR = 0V, VAH = 3V and VAL = 0.8V
Unless Otherwise Specified
(Continued)
ID(ON)
TEMPERATURE (oC)
75
100
125
50
25
IS(OFF) = ID(OFF)
100nA
10nA
1nA
100pA
10pA
IN
OUT
A
A
±10V
IN
OUT
A
±10V
ID(ON)
ID(OFF)
IS(OFF)
10V
ON LEAKAGE CURRENT
OFF LEAKAGE CURRENT
ANALOG CURRENT (mA)
40
60
80
20
0
1.4
1.3
1.2
1.1
1.0
IN
OUT
±VIN
I
r
ON
V
IN
I
---------
=
FREQUENCY (Hz)
10K
100K
1M
100
1
-200
-160
-120
-80
-40
1K
10
RL = 100Ω
RL = 10kΩ
50
RL
VOUT
VIN
2VP-P
IN
OUT
OFF ISOLATION
20 Log
V
OUT
V
IN
----------------



=
HI-5042 thru HI-5051


Similar Part No. - HI1-5047-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI1-5047-5 HARRIS-HI1-5047-5 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI1-5047-5 INTERSIL-HI1-5047-5 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI1-5047-5 INTERSIL-HI1-5047-5 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI1-5047-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com