Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-5043-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI3-5043-5
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-5043-5 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI3-5043-5 Datasheet HTML 3Page - Intersil Corporation HI3-5043-5 Datasheet HTML 4Page - Intersil Corporation HI3-5043-5 Datasheet HTML 5Page - Intersil Corporation HI3-5043-5 Datasheet HTML 6Page - Intersil Corporation HI3-5043-5 Datasheet HTML 7Page - Intersil Corporation HI3-5043-5 Datasheet HTML 8Page - Intersil Corporation HI3-5043-5 Datasheet HTML 9Page - Intersil Corporation HI3-5043-5 Datasheet HTML 10Page - Intersil Corporation HI3-5043-5 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
VA = 0V to 5V
Vertical: 2V/Div.
Horizontal: 200ns/Div.
FIGURE 7C. WAVEFORMS WITH TTL COMPATIBLE LOGIC
INPUT
VA = 0V to 10V
Vertical: 5V/Div.
Horizontal: 200ns/Div.
FIGURE 7D. WAVEFORMS WITH CMOS COMPATIBLE LOGIC
INPUT
FIGURE 7E. SWITCHING TIMES vs POSITIVE DIGITAL VOLTAGE
FIGURE 7F. SWITCHING TIMES vs NEGATIVE DIGITAL VOLTAGE
FIGURE 7. SWITCH tON AND tOFF
Test Circuits and Waveforms TA = 25oC, V+ = +15V, V- = -15V, VL = +5V, VR = 0V, VAH = 3V and VAL = 0.8V
Unless Otherwise Specified
(Continued)
VA
OUTPUT
VA
OUTPUT
DIGITAL “HIGH” (V)
2.4
3.0
3.6
4.2
4.8
720
660
600
540
480
420
360
300
240
180
120
60
tON
tOFF
DIGITAL “LOW” (V)
0
0.5
1.0
1.5
720
660
600
540
480
420
360
300
240
180
120
60
tON
tOFF
HI-5042 thru HI-5051


Similar Part No. - HI3-5043-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-5043-5 HARRIS-HI3-5043-5 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI3-5043-5 INTERSIL-HI3-5043-5 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI3-5043-5 INTERSIL-HI3-5043-5 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
HI3-5043-5Z INTERSIL-HI3-5043-5Z Datasheet
490Kb / 12P
   CMOS Analog Switches
HI3-5043-5Z INTERSIL-HI3-5043-5Z Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI3-5043-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com