Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0539-8 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI1-0539-8
Description  Precision, 4-Channel, Low-Level, Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0539-8 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI1-0539-8 Datasheet HTML 3Page - Intersil Corporation HI1-0539-8 Datasheet HTML 4Page - Intersil Corporation HI1-0539-8 Datasheet HTML 5Page - Intersil Corporation HI1-0539-8 Datasheet HTML 6Page - Intersil Corporation HI1-0539-8 Datasheet HTML 7Page - Intersil Corporation HI1-0539-8 Datasheet HTML 8Page - Intersil Corporation HI1-0539-8 Datasheet HTML 9Page - Intersil Corporation HI1-0539-8 Datasheet HTML 10Page - Intersil Corporation HI1-0539-8 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FIGURE 5C. WAVEFORMS
FIGURE 5. BREAK-BEFORE-MAKE DELAY
FIGURE 6A. MEASUREMENT POINTS
FIGURE 6B. TEST CIRCUIT
FIGURE 6C. WAVEFORMS
FIGURE 6. ENABLE DELAYS
Test Circuits and Waveforms Unless Otherwise Specified TA = 25oC, V+ = +15V, V- = -15V, VAH = 4V and VAL = 0.8V (Continued)
S1 ON
S4 ON
VA INPUT
2V/DIV.
OUTPUT
1V/DIV.
100ns/DIV.
VAH = 4V
0V
OUTPUT
tOFF(EN)
50%
90%
tON(EN)
10%
50% ENABLE DRIVE (VA)
0V
+15V
V+
V-
IN 1A
IN 2A THRU
OUT A
A0
EN
A1
12.5pF
700
-15V
VA
GND
+10V
IN 4A
HI-539
Similar connection for side “B”
50
VOUT
100ns/DIV.
ENABLE
DRIVE
2V/DIV.
ENABLED
DISABLED
OUTPUT
2V/DIV.
(S1 ON)
HI-539


Similar Part No. - HI1-0539-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0539-5 INTERSIL-HI1-0539-5 Datasheet
398Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Renesas Technology Corp
HI1-0539-5 RENESAS-HI1-0539-5 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
More results

Similar Description - HI1-0539-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Intersil Corporation
HI-539 INTERSIL-HI-539_03 Datasheet
398Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com