Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0539-5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI1-0539-5
Description  Precision, 4-Channel, Low-Level, Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0539-5 Datasheet(HTML) 3 Page - Intersil Corporation

  HI1-0539-5 Datasheet HTML 1Page - Intersil Corporation HI1-0539-5 Datasheet HTML 2Page - Intersil Corporation HI1-0539-5 Datasheet HTML 3Page - Intersil Corporation HI1-0539-5 Datasheet HTML 4Page - Intersil Corporation HI1-0539-5 Datasheet HTML 5Page - Intersil Corporation HI1-0539-5 Datasheet HTML 6Page - Intersil Corporation HI1-0539-5 Datasheet HTML 7Page - Intersil Corporation HI1-0539-5 Datasheet HTML 8Page - Intersil Corporation HI1-0539-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ANALOG CHANNEL CHARACTERISTICS
Analog Signal Range, VIN
Full
-10
-
+10
-10
-
+10
V
On Resistance, rON
VIN = 0V
25
-
650
850
-
650
850
Full
-
950
1.3K
-
800
1K
VlN = ±10V
25
-
700
900
-
700
900
Full
-
1.1K
1.4K
-
900
1.1K
∆rON, (Side A-Side B)
VIN = 0V
25
-
4.0
24
-
4.0
24
Full
-
4.75
28
-
4.0
24
VlN = ±10V
25
-
4.5
27
-
4.5
27
Full
-
5.5
33
-
4.5
27
Off Input Leakage Current, IS(OFF)
Condition 0V
(Note 2)
25
-30-
-30-
pA
Full
-
2
10
-
0.2
1
nA
Condition
±10V
(Note 2)
25
-
100
-
-
100
-
pA
Full
-
5
25
-
0.5
2.5
nA
∆IS(OFF), (Side A-Side B)
Condition 0V
25
-
3
-
-
3
-
pA
Full
-
0.2
2
-
0.02
0.2
nA
Condition
±10V
25
-
10
-
-
10
-
pA
Full
-
0.5
5
-
0.05
0.5
nA
Off Output Leakage Current,
ID(OFF)
Condition 0V
(Note 2)
25
-30-
-30-
pA
Full
-
2
10
-
0.2
1
nA
Condition
±10V
(Note 2)
25
-
100
-
-
100
-
pA
Full
-
5
25
-
0.5
2.5
nA
∆ID(OFF), (Side A-Side B)
Condition 0V
25
-
3
-
-
3
-
pA
Full
-
0.2
2
-
0.02
0.2
nA
Condition
±10V
25
-
10
-
-
10
-
pA
Full
-
0.5
5
-
0.05
0.5
nA
On Channel Leakage Current, ID(ON)
Condition 0V
(Note 2)
25
-50-
-50-
pA
Full
-
5
25
-
0.5
2.5
nA
Condition
±10V
(Note 2)
25
-
150
-
-
150
-
pA
Full
-
6
40
-
0.8
4.0
nA
∆ID(ON), (Side A-Side B)
Condition 0V
25
-
10
-
-
10
-
pA
Full
-
0.5
5
-
0.05
0.5
nA
Condition
±10V
25
-
30
-
-
30
-
pA
Full
-
0.6
6
-
0.08
0.8
nA
Differential Offset Voltage,
∆VOS
Note 3
25
-
0.02
-
-
0.02
-
µV
Full
-
0.70
-
-
0.08
-
µV
POWER SUPPLY CHARACTERISTICS
Power Dissipation, PD
25
-
2.3
-
-
2.3
-
mW
Full
-
-
45
-
-
45
mW
Current, l+
25
-
0.150
-
-
0.150
-
mA
Full
-
-
2.0
-
-
2.0
mA
Electrical Specifications
Supplies =
±15V, V
EN = 4V, VAH (Logic Level High) = 4V, VAL (Logic Level Low) = 0.8V,
Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-8
-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HI-539


Similar Part No. - HI1-0539-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0539-5 INTERSIL-HI1-0539-5 Datasheet
398Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Renesas Technology Corp
HI1-0539-5 RENESAS-HI1-0539-5 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
More results

Similar Description - HI1-0539-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Intersil Corporation
HI-539 INTERSIL-HI-539_03 Datasheet
398Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com