Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-307 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI-307
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-307 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI-307 Datasheet HTML 2Page - Intersil Corporation HI-307 Datasheet HTML 3Page - Intersil Corporation HI-307 Datasheet HTML 4Page - Intersil Corporation HI-307 Datasheet HTML 5Page - Intersil Corporation HI-307 Datasheet HTML 6Page - Intersil Corporation HI-307 Datasheet HTML 7Page - Intersil Corporation HI-307 Datasheet HTML 8Page - Intersil Corporation HI-307 Datasheet HTML 9Page - Intersil Corporation HI-307 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 2E. VANALOG = 5V
FIGURE 2F. VANALOG = 0V
FIGURE 2G. VANALOG = -5V
FIGURE 2H. VANALOG = -10V
NOTE:
15. If RGEN, RL or CL is increased, there will be proportional increases in rise and/or fall RC times.
FIGURE 2. SWITCHING WAVEFORMS FOR VARIOUS ANALOG INPUT VOLTAGES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. BREAK-BEFORE-MAKE DELAY (tOPEN)
Test Circuits and Waveforms (Continued)
TIME (
µs)
5
0
0
0.4
0.8
1.2
1.6
VGEN = 5V
TIME (
µs)
5
0
0
0.4
0.8
1.2
1.6
VGEN = 0V
-5
TIME (
µs)
0
0
0.4
0.8
1.2
1.6
VGEN = -5V
-5
TIME (
µs)
0
0
0.4
0.8
1.2
1.6
VGEN = -10V
-5
-10
SWITCH TYPE
VINH
HI-301, HI-303
5V
HI-307
15V
V+
D2
RL2
CL2
V-
-15V
GND
LOGIC
VS2 = +3V
S2
INPUT
OUT 1
OUT 2
D1
S1
VS1 = +3V
RL1
CL1
15V
LOGIC “1” = SWITCH ON
LOGIC
INPUT
0V
0V
SWITCH
OUTPUTS
VINH
50%
50%
tOPEN
50%
50%
0V
OUT 1
OUT 2
RL1 = RL2 = 300Ω
CL1 = CL2 = 33pF
tOPEN
HI-301 thru HI-307


Similar Part No. - HI-307

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3000 HOLTIC-HI-3000 Datasheet
87Kb / 13P
   High impedance allows connection of up to 120 nodes
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
More results

Similar Description - HI-307

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com