Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-307 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI-307
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-307 Datasheet(HTML) 4 Page - Intersil Corporation

  HI-307 Datasheet HTML 1Page - Intersil Corporation HI-307 Datasheet HTML 2Page - Intersil Corporation HI-307 Datasheet HTML 3Page - Intersil Corporation HI-307 Datasheet HTML 4Page - Intersil Corporation HI-307 Datasheet HTML 5Page - Intersil Corporation HI-307 Datasheet HTML 6Page - Intersil Corporation HI-307 Datasheet HTML 7Page - Intersil Corporation HI-307 Datasheet HTML 8Page - Intersil Corporation HI-307 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
OFF Output Leakage Current, ID(OFF) (Note 3)
25
-
0.04
1
-
0.04
5
nA
Full
-
1
100
-
0.2
100
nA
ON Leakage Current, ID(ON) (Note 4)
25
-
0.03
1
-
0.03
5
nA
Full
-
0.5
100
-
0.2
100
nA
POWER SUPPLY CHARACTERISTICS
Current, I+ (Notes 8, 13)
25
-
0.09
0.5
-
0.09
0.5
mA
Full
-
-
1
-
-
1
mA
Current, I- (Notes 8, 13)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I+ (Notes 9, 13)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I- (Notes 9, 13)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I+ (Notes 10, 14)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I- (Notes 10, 14)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I+ (Notes 11, 14)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
Current, I- (Notes 11, 14)
25
-
0.01
10
-
0.01
100
µA
Full
-
-
100
-
-
-
µA
NOTES:
2. VS = ±10V, IOUT = 10mA. On resistance derived from the voltage measured across the switch under these conditions.
3. VS = ±14V, VD = 14V.
4. VS = VD = ±14V.
5. The digital inputs are diode protected MOS gates and typical leakages of 1nA or less can be expected.
6. VS = 1VRMS, f = 500kHz, CL = 15pF, RL = 1K.
7. VS = 0V, CL = 10nF, Logic Drive = 5V pulse (HI-301 - 303), 15V pulse (HI-307). Switches are symmetrical; S and D may be interchanged. Charge
Injection = Q = CL x ∆V.
8. VIN = 4V (one input, all other inputs = 0V).
9. VIN = 0.8V (all inputs).
10. VIN = 15V (all inputs).
11. VIN = 0V (all inputs).
12. To drive from DTL/TTL circuits, pullup resistors to +5V supply are recommended.
13. HI-301 thru HI-303 only.
14. HI-307 only.
Electrical Specifications
Supplies = +15V, -15V; VIN = Logic Input. HI-301 and HI-303: VIN - for Logic “1” = 4V, for Logic “0” = 0.8V.
HI-307: VIN - for Logic “1” = 11V, for Logic “0” = 3.5V, Unless Otherwise Specified (Continued)
PARAMETER
TEMP
(oC)
-2
-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HI-301 thru HI-307


Similar Part No. - HI-307

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3000 HOLTIC-HI-3000 Datasheet
87Kb / 13P
   High impedance allows connection of up to 120 nodes
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
More results

Similar Description - HI-307

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com