Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-0201HS-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI3-0201HS-5
Description  High Speed, Quad SPST, CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0201HS-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HI3-0201HS-5 Datasheet HTML 1Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 2Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 3Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 4Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 5Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 6Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 7Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 8Page - Intersil Corporation HI3-0201HS-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Functional Diagram
TTL
LOGIC
INPUT
SWITCH
CELL
LEVEL
SHIFTER
AND
DRIVER
GATE
SOURCE
DRAIN
GATE
INPUT
OUTPUT
V-
V+
TRUTH TABLE
LOGIC
SWITCH
0
1
ON
OFF
Schematic Diagrams
TTL/CMOS REFERENCE CIRCUIT
SWITCH CELL
P41
V+
MP42
MP43
MP44
QP44
QN44
QN45
C49
C48
VR1
QN43
R42
R41
QN41
QN42
D41
5V
D42
5.6V
QP42
QP41
V-
MN42
MN44
MN45
MP45
MP31
MN32
MP33
MN33
MN31
MP32
ANALOG
IN
ANALOG
OUT
Q
Q
V-
V+
HI-201HS


Similar Part No. - HI3-0201HS-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI3-0201HS-5 MAXIM-HI3-0201HS-5 Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Intersil Corporation
HI3-0201HS-5 INTERSIL-HI3-0201HS-5 Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI3-0201HS-5 INTERSIL-HI3-0201HS-5 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HI3-0201HS-5 RENESAS-HI3-0201HS-5 Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI3-0201HS-5Z INTERSIL-HI3-0201HS-5Z Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
More results

Similar Description - HI3-0201HS-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com