Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0200-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-0200-5
Description  Dual/Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0200-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-0200-5 Datasheet HTML 1Page - Intersil Corporation HI1-0200-5 Datasheet HTML 2Page - Intersil Corporation HI1-0200-5 Datasheet HTML 3Page - Intersil Corporation HI1-0200-5 Datasheet HTML 4Page - Intersil Corporation HI1-0200-5 Datasheet HTML 5Page - Intersil Corporation HI1-0200-5 Datasheet HTML 6Page - Intersil Corporation HI1-0200-5 Datasheet HTML 7Page - Intersil Corporation HI1-0200-5 Datasheet HTML 8Page - Intersil Corporation HI1-0200-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
OFF Input Leakage Current, IS(OFF)
(Note 6)
25
-
1
5
-
1
50
nA
HI-200
Full
-
100
500
-
10
500
nA
HI-201
25
-
2
5
-
2
50
nA
Full
-
-
500
-
-
250
nA
OFF Output Leakage Current, ID(OFF)
(Note 6)
25
-
1
5
-
1
50
nA
HI-200
Full
-
100
500
-
10
500
nA
HI-201
25
-
2
5
-
2
50
nA
Full
-
35
500
-
35
250
nA
ON Leakage Current, ID(ON)
(Note 6)
25
-
1
5
-
1
50
nA
HI-200
Full
-
100
500
-
10
500
nA
HI-201
25
-
2
5
-
2
50
nA
Full
-
-
500
-
-
250
nA
POWER SUPPLY CHARACTERISTICS (Note 5)
Power Dissipation, PD
25
-
15
-
-
15
-
mW
Full
-
-
60
-
-
60
mW
Current, I+
25
-
0.5
-
-
0.5
-
mA
Full
-
-
2.0
-
-
2.0
mA
Current, I-
25
-
0.5
-
-
0.5
-
mA
Full
-
-
2.0
-
-
2.0
mA
NOTES:
2. VOUT = ±10V, IOUT = 1mA.
3. Digital Inputs are MOS gates: typical leakage is < 1nA.
4. VA = 5V, RL = 1kΩ, CL = 10pF, VS = 3VRMS, f = 100kHz.
5. VA = +3V or VA = 0V for Both Switches.
6. Refer to Leakage Current Measurements (Figure 2).
Electrical Specifications
Supplies = +15V, -15V; VREF = Open; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = 0.8V (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2
-4, -5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuits and Waveforms TA = 25oC, VSUPPLY = ±15V, VAH = 2.4V, VAL = 0.8V and VREF = Open
FIGURE 1A. ON RESISTANCE TEST CIRCUIT
V2
1mA
IN
OUT
±VIN
r
ON
2
V
1mA
-------------
=
HI-200, HI-201


Similar Part No. - HI1-0200-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI1-0201-2 MAXIM-HI1-0201-2 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
HI1-0201-2 INTERSIL-HI1-0201-2 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI1-0201-2 RENESAS-HI1-0201-2 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
HI1-0201-4 INTERSIL-HI1-0201-4 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
HI1-0201-5 MAXIM-HI1-0201-5 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
More results

Similar Description - HI1-0200-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com