Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-200 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI-200
Description  Dual/Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-200 Datasheet(HTML) 2 Page - Intersil Corporation

  HI-200 Datasheet HTML 1Page - Intersil Corporation HI-200 Datasheet HTML 2Page - Intersil Corporation HI-200 Datasheet HTML 3Page - Intersil Corporation HI-200 Datasheet HTML 4Page - Intersil Corporation HI-200 Datasheet HTML 5Page - Intersil Corporation HI-200 Datasheet HTML 6Page - Intersil Corporation HI-200 Datasheet HTML 7Page - Intersil Corporation HI-200 Datasheet HTML 8Page - Intersil Corporation HI-200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pinouts (Switches Shown For Logic “1” Input)
HI-200 (CERDIP, PDIP)
TOP VIEW
HI-201 (CERDIP, PDIP, SOIC)
TOP VIEW
HI-201 (PLCC)
TOP VIEW
HI-200 (METAL CAN)
TOP VIEW
A2
NC
GND
NC
IN2
OUT2
V-
A1
NC
V+
NC
IN1
OUT1
VREF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A1
OUT1
IN1
V-
GND
IN4
A4
OUT4
A2
IN2
V+
VREF
IN3
OUT3
A3
OUT2
IN1
V-
NC
GND
IN4
IN2
V+
NC
VREF
IN3
4
5
6
7
8
10
11
12
13
9
32
1
20
19
16
17
18
15
14
V+
OUT1
OUT2
IN2
A2 2
5
3
10
4
8
9
7
6
IN1
VREF
V-
GND
A1 1
Schematic Diagrams
TTL/CMOS REFERENCE CIRCUIT VREF CELL
HI-200
TTL/CMOS REFERENCE CIRCUIT VREF CELL
HI-201
V+
GND
R2
5K
MP13
QP1
QN1
R3
24.2K
R4
5.4K
R5
7.9K
R6
300
QP2
QP3
QP5
QP4
QN4
QN2
MN14
MN15
MN16
MN17
V-
GND
R7
100K
VLL
TO P2
VREF
D3
V+
GND
R2
5K
MP13
QP1
QN1
R3
24.2K
R4
5.4K
R5
7.9K
R6
600
QP2
QP3
QP5
QP4
QN4
QN2
MN14
MN15
MN16
MN17
V-
GND
R7
100K
VLL
TO P2
VREF
D3
MP14
QN3
QP6
HI-200, HI-201


Similar Part No. - HI-200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
HI-200 INTERSIL-HI-200 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
HI-200/883 INTERSIL-HI-200/883 Datasheet
315Kb / 11P
   The HI-200/883 is a monolithic device comprising two independently selectable SPST switchers which feature fast switching speeds
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
More results

Similar Description - HI-200

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com