Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP132XND Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP132XND
Description  T-1 (3mm) SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP132XND Datasheet(HTML) 3 Page - Kingbright Corporation

  WP132XND_15 Datasheet HTML 1Page - Kingbright Corporation WP132XND_15 Datasheet HTML 2Page - Kingbright Corporation WP132XND_15 Datasheet HTML 3Page - Kingbright Corporation WP132XND_15 Datasheet HTML 4Page - Kingbright Corporation WP132XND_15 Datasheet HTML 5Page - Kingbright Corporation WP132XND_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAF2132
REV NO: V.7A
DATE: JAN/16/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1101001111
Pure Orange
WP132XND


Similar Part No. - WP132XND_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XND KINGBRIGHT-WP132XND Datasheet
412Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - WP132XND_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10LSRD KINGBRIGHT-WP710A10LSRD_15 Datasheet
317Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10ND KINGBRIGHT-WP710A10ND_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP7104PBD-A KINGBRIGHT-WP7104PBD-A Datasheet
149Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
WP7104SRD14V KINGBRIGHT-WP7104SRD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com