Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1590 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAU1590
Description  Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1590 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAU1590_15 Datasheet HTML 3Page - Analog Devices ADAU1590_15 Datasheet HTML 4Page - Analog Devices ADAU1590_15 Datasheet HTML 5Page - Analog Devices ADAU1590_15 Datasheet HTML 6Page - Analog Devices ADAU1590_15 Datasheet HTML 7Page - Analog Devices ADAU1590_15 Datasheet HTML 8Page - Analog Devices ADAU1590_15 Datasheet HTML 9Page - Analog Devices ADAU1590_15 Datasheet HTML 10Page - Analog Devices ADAU1590_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADAU1590
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
OUTL–
OUTL–
OUTL–
OUTL+
OUTL+
OUTL+
TEST1
TEST0
OTW
MO/ST
TEST3
OUTR–
OUTR–
OUTR+
OUTR+
OUTR+
TEST13
TEST12
AINR
AINL
TEST9
TEST8
35
OUTR–
36
34
33
32
31
30
29
28
27
26
25
ADAU1590
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
ERR
NOTES
1. EPAD NOT SHOWN AND INTERNALLY CONNECTED TO
PGND, DGND, AND AGND FOR TQFP-48.
2. EPAD NOT SHOWN AND INTERNALLY CONNECTED TO
PGND AND DGND FOR LFCSP-48.
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin. Number
Mnemonic
Type1
Description
1, 2, 3
OUTL−
O
Output of High Power Transistors, Left Channel Negative Polarity.
4, 5, 6
OUTL+
O
Output of High Power Transistors, Left Channel Positive Polarity.
7
TEST1
I
Reserved for Internal Use. Connect to DGND.
8
TEST0
I
Reserved for Internal Use. Connect to DGND.
9
ERR
O
Error Indicator (Active Low, Open-Drain Output).
10
OTW
O
Overtemperature Warning Indicator (Active Low Open-Drain Output).
11
MO/ST
I
Mono/Stereo Mode Setting Pin for Stereo. Connect to DGND (for mono mode, connect to DVDD).
12
TEST3
I
Reserved for Internal Use. Connect to DVDD.
13
PGA1
I
Programmable Gain Amplifier Select, MSB.
14
PGA0
I
Programmable Gain Amplifier Select, LSB.
15
MUTE
I
Mute (Active Low Input).
16
STDN
I
Shutdown/Reset Input (Active Low Input).
17
XTI
I
Quartz Crystal Connection/External Clock Input.
18
XTO
O
Quartz Crystal Connection/Clock Output.
19
DGND
P
Digital Ground for Digital Circuitry. Internally connected to exposed pad (ePAD).
20
DVDD
P
Positive Supply for Digital Circuitry.
21
AVDD
P
Positive Supply for Analog Circuitry. (Can be tied to DVDD.)
22
AGND
P
Analog Ground for Analog Circuitry. (See the notes in Figure 4 for connection to ePAD.)
23
VREF
I
AVDD/2 Voltage Reference Connection for External Filter.
24
SLC_TH
I
Slicer Threshold Adjust. (Connect to AGND via a resistor for slicer operation.)
25
TEST8
I
Reserved for Internal Use. Connect to DGND.
26
TEST9
I
Reserved for Internal Use. Connect to DGND.
27
AINL
I
Analog Input Left Channel.
28
AINR
I
Analog Input Right Channel.
29
TEST12
I
Reserved for Internal Use. Connect to DGND.
30
TEST13
I
Reserved for Internal Use. Connect to DGND.
31, 32, 33
OUTR+
O
Output of High Power Transistors, Right Channel Positive Polarity.


Similar Part No. - ADAU1590_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1590ACPZ AD-ADAU1590ACPZ Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ACPZ-RL AD-ADAU1590ACPZ-RL Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ACPZ-RL7 AD-ADAU1590ACPZ-RL7 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ASVZ AD-ADAU1590ASVZ Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590ASVZ-RL AD-ADAU1590ASVZ-RL Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results

Similar Description - ADAU1590_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com