Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1401 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAU1401
Description  SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1401 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAU1401_15 Datasheet HTML 2Page - Analog Devices ADAU1401_15 Datasheet HTML 3Page - Analog Devices ADAU1401_15 Datasheet HTML 4Page - Analog Devices ADAU1401_15 Datasheet HTML 5Page - Analog Devices ADAU1401_15 Datasheet HTML 6Page - Analog Devices ADAU1401_15 Datasheet HTML 7Page - Analog Devices ADAU1401_15 Datasheet HTML 8Page - Analog Devices ADAU1401_15 Datasheet HTML 9Page - Analog Devices ADAU1401_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADAU1401
Data Sheet
Rev. C | Page 6 of 52
Specifications are guaranteed at 130°C (ambient).
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC INPUTS
Number of Channels
2
Stereo input
Resolution
24
Bits
Full-Scale Input
100 (283)
μA rms (μA p-p)
2 V rms input with 20 kΩ (18 kΩ external + 2 kΩ internal)
series resistor
Signal-to-Noise Ratio
A-Weighted
100
dB
Dynamic Range
−60 dB with respect to full-scale analog input
A-Weighted
92
100
dB
Total Harmonic
Distortion + Noise
−83
dB
−3 dB with respect to full-scale analog input
Interchannel Gain Mismatch
25
250
mdB
Crosstalk
−82
dB
Analog channel-to-channel crosstalk
DC Bias
1.4
1.5
1.6
V
Gain Error
−11
+11
%
DAC OUTPUTS
Number of Channels
4
Two stereo output channels
Resolution
24
Bits
Full-Scale Analog Output
0.9 (2.5)
V rms (V p-p)
Signal-to-Noise Ratio
A-Weighted
104
dB
Dynamic Range
−60 dB with respect to full-scale analog output
A-Weighted
98
104
dB
Total Harmonic Distortion +
Noise
−90
dB
−1 dB with respect to full-scale analog output
Crosstalk
−100
dB
Analog channel-to-channel crosstalk
Interchannel Gain Mismatch
25
250
mdB
Gain Error
−10
+10
%
DC Bias
1.4
1.5
1.6
V
VOLTAGE REFERENCE
Absolute Voltage (CM)
1.4
1.5
1.6
V
AUXILIARY ADC
Full-Scale Analog Input
2.8
3.0
3.1
V
INL
0.5
LSB
DNL
1.0
LSB
Offset
15
mV
Input Impedance
17.8
30
42


Similar Part No. - ADAU1401_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ-RL AD-ADAU1401AWBSTZ-RL Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results

Similar Description - ADAU1401_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com