Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADATE207 Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 1 Page - Analog Devices

  ADATE207_15 Datasheet HTML 1Page - Analog Devices ADATE207_15 Datasheet HTML 2Page - Analog Devices ADATE207_15 Datasheet HTML 3Page - Analog Devices ADATE207_15 Datasheet HTML 4Page - Analog Devices ADATE207_15 Datasheet HTML 5Page - Analog Devices ADATE207_15 Datasheet HTML 6Page - Analog Devices ADATE207_15 Datasheet HTML 7Page - Analog Devices ADATE207_15 Datasheet HTML 8Page - Analog Devices ADATE207_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Quad Pin Timing Formatter
ADATE207
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
4-channel timing formatter
256 waveforms per channel
4 independent event edges per waveform
STIL IEEE 1450-1999-compatible events
4-period range for each edge
39.06 ps timing resolution
2.5 ns minimum edge refire rate
All drive formats supported
100 MHz base vector rate
×2 and ×4 high speed modes
×2 pin multiplexing
1 ns minimum pulse width
32-bit fail counter per channel
4-bit pin capture per channel
Air cooled, low power CMOS design
6 W at 100 MHz base rate
2.5 V power supply
Differential DCL interface control
TMU multiplexer
APPLICATIONS
Automatic test equipment (ATE)
High speed digital instrumentation
Pulse generation
FUNCTIONAL BLOCK DIAGRAM
TIME SET
MEMORY
FORMAT
COMPARE
LOGIC
QUAD EDGE
GENERATOR
FAIL
DETECTION
PATTERN
FAIL
DCL
INTERFACE
TIME SET
MEMORY
FORMAT
COMPARE
LOGIC
QUAD EDGE
GENERATOR
FAIL
DETECTION
PATTERN
FAIL
DCL
INTERFACE
TIME SET
MEMORY
FORMAT
COMPARE
LOGIC
QUAD EDGE
GENERATOR
FAIL
DETECTION
PATTERN
FAIL
DCL
INTERFACE
TIME SET
MEMORY
FORMAT
COMPARE
LOGIC
QUAD EDGE
GENERATOR
FAIL
DETECTION
PATTERN
FAIL
DCL
INTERFACE
ADATE207
Figure 1.
GENERAL DESCRIPTION
The ADATE207 is a timing generator and formatter for auto-
matic test equipment (ATE) equipment. The ADATE207 provides
four independent channels with a 100 MHz base vector rate of
timing and formatting for ATE digital pins. It interfaces between
the pattern memory,and the driver, comparator, and load (DCL)
chips for complete digital pins. The ADATE207 accepts up to
eight bits of pattern data per pin and can produce formatted
outputs and perform comparisons of DUT expected responses.
Each channel of the ADATE207 provides 256 selectable wave-
forms, wherein each waveform consists of up to four possible
events. Each event consists of a programmable timing edge and a
STIL-compatible (IEEE Standard 1450-1999) set.
Each timing edge generator can produce an edge with a span of
four periods with a 39.06 ps edge placement resolution. The delay
generators use a reference master clock of 100 MHz and provide
programmable delays based upon counts of the clock and a
compensated CMOS analog timing vernier. The programmable
delay generators can be additionally delayed by a global 8-bit
input value that is shared across all edges.
The format and compare logic support ×2 pin multiplexing to
allow the trading of pin count for speed.
Each channel provides a 4-bit DUT output capture supporting
mixed signal receive memory applications. The fail detection
logic includes a 32-bit fail accumulation register per channel.
An external TMU is supported with three 8-to-1 multiplexers.
This allows the dual comparator outputs of any pin to be
multiplexed to any of the three outputs: arm, start, or stop
signals.


Similar Part No. - ADATE207_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE207BBP AD-ADATE207BBP Datasheet
623Kb / 36P
   Quad Pin Timing Formatter
REV. 0
ADATE207BBPZ AD-ADATE207BBPZ Datasheet
623Kb / 36P
   Quad Pin Timing Formatter
REV. 0
More results

Similar Description - ADATE207_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE207 AD-ADATE207 Datasheet
623Kb / 36P
   Quad Pin Timing Formatter
REV. 0
logo
Fujitsu Component Limit...
MB8876A FUJITSU-MB8876A Datasheet
532Kb / 17P
   FLOPPY DISK FORMATTER / CONTROLLER (FDC)
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
logo
List of Unclassifed Man...
WD2797 ETC-WD2797 Datasheet
1Mb / 30P
   WD279X-02 FLOPPY DISK FORMATTER/CONTROLLER FAMILY
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Panasonic Semiconductor
PN304V PANASONIC-PN304V Datasheet
206Kb / 5P
   SI PIN QUAD PHOTODIODE
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com