Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UPC24A00 Datasheet(PDF) 6 Page - NEC

Part No. UPC24A00
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 6 page
background image
Data Sheet G14632EJ3V0DS00
6
µµµµPC24A00 Series
TYPICAL CHARACTERISTICS (REFERENCE VALUES)
0
50
100
150
-
50
0
50
100
150
0
5
10
15
20
0
5
10
15
20
0
5
10
15
20
012345678
20
15
10
5
0
150
100
50
0
-
50
-
100
-
150
-
200
6
5
4
3
2
1
0
20
15
10
5
0
5
4
3
2
1
0
250
200
150
100
50
0
PT vs TA
∆VO vs TJ
VO vs VIN
IBIAS vs VIN
IO peak vs (VIN-VO)
TA-Operating ambient temperature-
°CTJ-Operating junction temperature-°C
VIN-Input voltage-V
VIN-Input voltage-V
VIN-Input voltage-V
(VIN
−VO)-Input/output voltage differential-V
125
°C
25
°C
TJ = 0
°C
1.92
Without heatsink
85
°C
IO = 5 mA
PC24A15
PC24A12
PC24A05
TJ = 25
°C
IO = 5 mA
1 A
2 A
TJ = 25
°C
IO = 2 A
PC24A15
PC24A12
PC24A05
PC24A12
PC24A05
TJ = 25
°C
IO = 2 A
PC24A15
VO vs VIN ( PC24A05)
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIA78DL05FBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 KEC(Korea Electronics)
KIA78DL05PIBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 KEC(Korea Electronics)
SPX116Low Dropout Voltage Three Terminal Regulator 1 2 3 4 5 MoreSipex Corporation
UPC2400ATHREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
TA48M025F2.5V 3V 3.3V 3.45V 4V 5V THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreToshiba Semiconductor
UPC24M00ATHREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC2900THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC29L00THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC29M00THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
SPX116Low Dropout Voltage Three Terminal Regulator 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl