Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADADC85 Datasheet(PDF) 10 Page - Analog Devices

Part # ADADC85
Description  Fast, Complete 12-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADADC85 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADADC85_15 Datasheet HTML 4Page - Analog Devices ADADC85_15 Datasheet HTML 5Page - Analog Devices ADADC85_15 Datasheet HTML 6Page - Analog Devices ADADC85_15 Datasheet HTML 7Page - Analog Devices ADADC85_15 Datasheet HTML 8Page - Analog Devices ADADC85_15 Datasheet HTML 9Page - Analog Devices ADADC85_15 Datasheet HTML 10Page - Analog Devices ADADC85_15 Datasheet HTML 11Page - Analog Devices ADADC85_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD ADC84/AD ADC85
Rev. B | Page 10 of 12
CLOCK RATE CONTROL ALTERNATE
CONNECTIONS
If adjustment of the CLOCK RATE is desired for faster conver-
sion speeds, the CLOCK RATE CONTROL may be connected
to an external multiturn trim potentiometer with a TCR of
±100 ppm/°C or less as shown in Figure 14 and Figure 15. If the
potentiometer is connected to –15 V, conversion time can be
increased as shown in Figure 5. If these adjustments are used,
delete the connections shown in Table 2 for Pin 17. See Figure 2
for nonlinearity error versus conversion speed and Figure 5 for
the effect of the control voltage on clock speed.
Figure 14. 12-Bit Clock Rate Control Optional Fine Adjust
Figure 15. 8-Bit Clock Rate Control Optional Fine Adjust
MICROPROCESSOR INTERFACING
The fast conversion times of the AD ADC84/AD ADC85
suggests several methods of interface to microprocessors. In
systems where the ADC is used for high sampling rates on a
single signal which is to be digitally processed, CPU-controlled
conversion may be inefficient due to the slow cycle times of
most microprocessors. It is generally preferable to perform
conversions independently, inserting the resultant digital data
directly into memory. This can be done using direct memory
access (DMA), which is totally transparent to the CPU. Interface
to user-designed DMA hardware is facilitated by the guaranteed
data validity on the falling edge of the EOC signal.
Clearly, 12 bits of data must be broken up for interface to a 8-bit
wide data bus. There are two possible formats: right-justified
and left-justified. In a right-justified system, the least significant
8 bits occupy one byte and the four MSBs reside in the low
nibble of another byte. This format is useful when the data from
the ADC is being treated as a binary number between 0 and
4095. The left-justified format supplies the eight most-
significant bits in one byte and the 4 LSBs in the high nibble of
another byte. The data now represents the fractional binary
number relating the analog signal to the full-scale voltage. An
advantage to this organization is that the most-significant eight
bits can be read by the processor as a coarse indication of the
true signal value. The full 12-bit word can then be read only
when all 12 bits are needed. This allows faster and more
efficient control of a process.
Figure 16 shows a typical connection of 8085-type bus, using a
left-justified data format for unipolar inputs. Status polling is
optional, and can be read simultaneously with the 4LSBs. If it is
desired to right-justify the data, pins 1 through 12 of the
ADADC84/AD ADC85 should be reversed, as well as the
connections to the data bus high and low byte address signals.
When dealing with bipolar inputs (±5V, ±10V ranges), using the
MSB directly yields a complementary offset binary-coded
output. If complementary twos complement coding is desired, it
can be produced be substituting MSB (Pin 13) for the MSB.
This facilitates the arithmetic operation which are subsequently
performed on the ADC output data.
Figure 16. AD ADC84/AD ADC85 – 8085A Interface Connections


Similar Part No. - ADADC85_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADADC85-10 AD-ADADC85-10 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
ADADC85-12 AD-ADADC85-12 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results

Similar Description - ADADC85_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
   FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD578 AD-AD578_15 Datasheet
3Mb / 11P
   VERY FAST COMPLETE 10 OR 12 BIT A/D CONVERTERS
REV. C
AD578 AD-AD578 Datasheet
464Kb / 8P
   VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS
REV. A
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com