Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S20N35G3VLS Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGT1S20N35G3VLS
Description  20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S20N35G3VLS Datasheet(HTML) 2 Page - Intersil Corporation

  HGT1S20N35G3VLS Datasheet HTML 1Page - Intersil Corporation HGT1S20N35G3VLS Datasheet HTML 2Page - Intersil Corporation HGT1S20N35G3VLS Datasheet HTML 3Page - Intersil Corporation HGT1S20N35G3VLS Datasheet HTML 4Page - Intersil Corporation HGT1S20N35G3VLS Datasheet HTML 5Page - Intersil Corporation HGT1S20N35G3VLS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3-67
Specifications HGTP20N35G3VL, HGT1S20N35G3VL, HGT1S20N35G3VLS
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
Collector-Emitter Breakdown Voltage
BVCES
IC = 10mA,
VGE = 0V
TC = +175
oC
310
345
380
V
TC = +25
oC
320
350
380
V
TC = -40
oC
320
355
390
V
Collector-Emitter Breakdown Voltage
BVCER
IC = 10mA
VGE = 0V
RGE = 1kΩ
TC = +175
oC
300
340
375
V
TC = +25
oC
315
345
375
V
TC = -40
oC
315
350
390
V
Gate-Emitter Plateau Voltage
VGEP
IC = 10A
VCE = 12V
TC = +25
oC
-
3.7
-
V
Gate Charge
QG(ON)
IC = 10A
VGE = 5V
VCE = 12V
TC = +25
oC
-
28.7
-
nC
Collector-Emitter Clamp Bkdn. Voltage
BVCE(CL)
IC = 10A
RG = 0Ω
TC = +175
oC
325
360
395
V
Emitter-Collector Breakdown Voltage
BVECS
IC = 10mA
TC = +25
oC20
32
-
V
Collector-Emitter Leakage Current
ICES
VCE = 250V
TC = +25
oC-
-
5
µA
VCE = 250V
TC = +175
oC
-
-
250
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = 10A
VGE = 4.5V
TC = +25
oC
-
1.3
1.6
V
TC = +175
oC
-
1.25
1.5
V
IC = 20A
VGE = 5.0V
TC = +25
oC
-
1.6
2.8
V
TC = +175
oC
-
1.9
3.5
V
Gate-Emitter Threshold Voltage
VGE(TH)
IC = 1mA
VCE = VGE
TC = +25
oC
1.3
1.8
2.3
V
Gate Series Resistance
R1
TC = +25
oC
-
1.0
-
k
Gate-Emitter Resistance
R2
TC = +25
oC
101725
k
Gate-Emitter Leakage Current
IGES
VGE = ±10V
±400
±590
±1000
µA
Gate-Emitter Breakdown Voltage
BVGES
IGES = ±2mA
±12
±14
-
V
Current Turn-Off Time-Inductive Load
tD(OFF)I +
tF(OFF)I
IC = 10A, RG = 25Ω,
L = 550 H, R L = 26.4Ω, VGE = 5V,
VCL = 300V, TC = +175
oC
-15
30
µs
Inductive Use Test
ISCIS
L = 2.3mH,
VG = 5V,
RG = 0Ω
TC = +175
oC18
-
-
A
TC = +25
oC26
-
-
A
Thermal Resistance
RθJC
-
-
1.0
oC/W


Similar Part No. - HGT1S20N35G3VLS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N35G3VLS FAIRCHILD-HGT1S20N35G3VLS Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
More results

Similar Description - HGT1S20N35G3VLS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP20N35G3VL FAIRCHILD-HGTP20N35G3VL Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
HGT1S20N36G3VL FAIRCHILD-HGT1S20N36G3VL Datasheet
256Kb / 7P
   20A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N36G3VL FAIRCHILD-HGTP14N36G3VL Datasheet
224Kb / 8P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
logo
Fairchild Semiconductor
HGT1S14N37G3VLS FAIRCHILD-HGT1S14N37G3VLS Datasheet
159Kb / 6P
   14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N41G3VLS FAIRCHILD-HGTP14N41G3VLS Datasheet
193Kb / 6P
   14A, 410V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N40F3VL INTERSIL-HGTP14N40F3VL Datasheet
85Kb / 5P
   14A, 400V N-Channel, Logic Level Voltage Clamping IGBT
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com