Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP2N120BN Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTP2N120BN
Description  12A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP2N120BN Datasheet(HTML) 3 Page - Intersil Corporation

  HGTP2N120BN Datasheet HTML 1Page - Intersil Corporation HGTP2N120BN Datasheet HTML 2Page - Intersil Corporation HGTP2N120BN Datasheet HTML 3Page - Intersil Corporation HGTP2N120BN Datasheet HTML 4Page - Intersil Corporation HGTP2N120BN Datasheet HTML 5Page - Intersil Corporation HGTP2N120BN Datasheet HTML 6Page - Intersil Corporation HGTP2N120BN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC
ICE = 2.3A
VCE = 0.8 BVCES
VGE = 15V
RG = 51Ω
L = 5mH
Test Circuit (Figure 18)
-25
30
ns
Current Rise Time
trI
-11
15
ns
Current Turn-Off Delay Time
td(OFF)I
-
195
260
ns
Current Fall Time
tfI
-
160
200
ns
Turn-On Energy (Note 4)
EON1
-83
-
µJ
Turn-On Energy (Note 4)
EON2
-
725
1000
µJ
Turn-Off Energy (Note 5)
EOFF
-
280
380
µJ
Thermal Resistance Junction To Case
RθJC
-
-
1.2
oC/W
NOTES:
4. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2 is the
turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in Figure 18.
5. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TC, CASE TEMPERATURE (
oC)
50
0
4
25
75
100
125
150
10
12
6
2
VGE = 15V
8
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1400
10
0
2
4
600
800
400
200
1000
1200
0
12
14
8
6
TJ = 150
oC, R
G = 51Ω, VGE = 15V, L = 1mH
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 150
oC, R
G = 51Ω, L = 5mH, VCE = 960V
0.5
10
5.0
2.0
50
1.0
100
TC = 75
oC, V
GE = 15V, IDEAL DIODE
TC
VGE
15V
110oC
110oC 12V
TC
VGE
15V
75oC
75oC
12V
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 1.2
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
VGE, GATE TO EMITTER VOLTAGE (V)
12
13
14
15
5
10
15
20
20
25
30
40
tSC
ISC
25
35
VCE = 840V, RG = 51Ω, TJ = 125
oC
HGTP2N120BN, HGTD2N120BNS, HGT1S120BNS


Similar Part No. - HGTP2N120BN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGTP2N120BN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Intersil Corporation
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com