Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTB1612SYKCGKC-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTB1612SYKCGKC-F01
Description  1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612SYKCGKC-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  APTB1612SYKCGKC-F01_15 Datasheet HTML 1Page - Kingbright Corporation APTB1612SYKCGKC-F01_15 Datasheet HTML 2Page - Kingbright Corporation APTB1612SYKCGKC-F01_15 Datasheet HTML 3Page - Kingbright Corporation APTB1612SYKCGKC-F01_15 Datasheet HTML 4Page - Kingbright Corporation APTB1612SYKCGKC-F01_15 Datasheet HTML 5Page - Kingbright Corporation APTB1612SYKCGKC-F01_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF1100
REV NO: V.10B
DATE: FEB/06/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203002069
1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
Part Number: APTB1612SYKCGKC-F01
Super Bright Yellow
Green
Features
1.6mmx1.25mm SMT LED, 0.65mm thickness.
Bi-color,low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Descriptions
The Super Bright Yellow device is made with AlGaInP
(on GaAs substrate) light emitting diode chip.
The Green source color devices are made with AlGaInP
on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APTB1612SYKCGKC-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTB1612SYKCGKC-F01 KINGBRIGHT-APTB1612SYKCGKC-F01 Datasheet
325Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612SYKCGKC-F01 TO-GRACE-APTB1612SYKCGKC-F01 Datasheet
953Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
More results

Similar Description - APTB1612SYKCGKC-F01_15

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612SYKQWDF-AMT TO-GRACE-APTB1612SYKQWDF-AMT Datasheet
1Mb / 9P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1612SURKQWDF KINGBRIGHT-APTB1612SURKQWDF Datasheet
276Kb / 8P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612SURKQBDC-F01 KINGBRIGHT-APTB1612SURKQBDC-F01 Datasheet
347Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612SURKSGC-F01 TO-GRACE-APTB1612SURKSGC-F01 Datasheet
1Mb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1612SURKCGKC-F01 KINGBRIGHT-APTB1612SURKCGKC-F01 Datasheet
341Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612SYKQWDF TO-GRACE-APTB1612SYKQWDF Datasheet
1Mb / 7P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612CGKQWDF TO-GRACE-APTB1612CGKQWDF Datasheet
1Mb / 7P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZURMG62W-1 SUNLED-ZURMG62W-1 Datasheet
214Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1612SURKSGC-F01 KINGBRIGHT-APTB1612SURKSGC-F01 Datasheet
156Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612ESGC KINGBRIGHT-APTB1612ESGC Datasheet
130Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com