Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF1002 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SUF1002
Description  Dual N-ch Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUF1002 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SUF1002 Datasheet HTML 1Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 2Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 3Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 4Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 5Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 6Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 7Page - KODENSHI_AUK CORP. SUF1002 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. date: 29-OCT-13
KSD-T7F001-001
www.auk.co.kr
2 of 8
Thermal Characteristics (T
amb=25℃, Unless otherwise noted)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient 1)
Rth(j-a)
62.5
C/W
Electrical Characteristics (T
amb=25℃, Unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
30
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
1
-
3
V
Drain-source cut-off current
IDSS
VDS=30V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=20V
-
-
100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=2.9A
-
24
30
m
VGS=5V, ID=2.9A
-
28
34
Forward transfer conductance 5)
gfs
VDS=5V, ID=5.8A
-
12
-
S
Input capacitance
Ciss
VGS=0V, VDS=10V,
f=1MHz
-
370
560
pF
Output capacitance
Coss
-
60
90
Reverse transfer capacitance
Crss
-
36
54
Turn-on delay time 4, 5)
td(on)
VDS=15V, ID=5.8A,
RG=10Ω
-
1.2
-
ns
Rise time 4, 5)
tr
-
1.1
-
Turn-off delay time 4, 5)
td(off)
-
2.5
-
Fall time 4, 5)
tf
-
1.1
-
Total gate charge 4, 5)
Qg
VDS=15V, VGS=5V
ID=18A
-
4.2
6.3
nC
Gate-source charge 4, 5)
Qgs
-
0.9
1.4
Gate-drain charge 4, 5)
Qgd
-
1.4
2.1
Source-Drain Diode Rating and Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Maximum diode forward current
Is
Integral reverse diode
in the MOSFET
-
-
1.5
A
Source current (Pulsed) 2)
ISM
-
-
6
A
Forward voltage 5)
VSD
VGS=0V, IS=1A
-
-
1
V
Reverse recovery time
trr
IS=1.5A, dis/dt=100A/us
-
90
-
Ns
Reverse recovery charge
Qrr
-
0.5
-
uC
* Note:
1) Device mounted on a glass-epoxy board
2) Repetitive rating: Pulse width limited by maximum junction temperature.
3) L=3.4mH, IAS=5.8A, VDD=15V, RG=25
4) Pulse Test: Pulse width ≤ 300us, Duty cycle ≤ 2%.
5) Essentially independent of operating temperature
SUF1002


Similar Part No. - SUF1002

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF1002 AUK-SUF1002 Datasheet
457Kb / 8P
   Dual N-channel Trench MOSFET
More results

Similar Description - SUF1002

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMD6D0DN40Q KEC-KMD6D0DN40Q_15 Datasheet
378Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com