Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S1N120BNDS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HGT1S1N120BNDS
Description  5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S1N120BNDS Datasheet(HTML) 4 Page - Intersil Corporation

  HGT1S1N120BNDS Datasheet HTML 1Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 2Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 3Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 4Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 5Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 6Page - Intersil Corporation HGT1S1N120BNDS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
024
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
2
4
6
68
10
1
3
5
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 13V
TC = 150
oC
TC = 25
oC
TC = -55
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
2
3
4
02
468
10
1
6
0
5
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TC = -55
oC
TC = 150
oC
TC = 25
oC
1000
600
ICE, COLLECTOR TO EMITTER CURRENT (A)
800
400
200
1.5
12
0.5
1200
2.5
0
3
RG = 82Ω, L = 4mH, VCE = 960V
TJ = 150
oC, V
GE = 13V
TJ = 150
oC, V
GE = 15V
TJ = 25
oC, V
GE = 15V
TJ = 25
oC, V
GE = 13V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
1
1.5
2
0.5
50
150
100
200
250
2.5
3
TJ = 150
oC, V
GE = 13V OR 15V
TJ = 25
oC, V
GE = 13V OR 15V
RG = 82Ω, L = 4mH, VCE = 960V
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
0
1.5
2
2.5
3
8
12
20
16
24
RG = 82Ω, L = 4mH, VCE = 960V
TJ
VGE
25oC
13V
150oC
13V
25oC
15V
150oC
15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
4
8
24
20
12
2
0.5
16
1.5
2.5
28
3
RG = 82Ω, L = 4mH, VCE = 960V
TJ = 25
oC, T
J = 150
oC, V
GE = 13V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
HGTP1N120BND, HGT1S1N120BNDS


Similar Part No. - HGT1S1N120BNDS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S1N120CNDS INTERSIL-HGT1S1N120CNDS Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGT1S1N120BNDS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com