Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4430-1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4430-1
Description  Ultralow Power Video Filter with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4430-1_15 Datasheet HTML 3Page - Analog Devices ADA4430-1_15 Datasheet HTML 4Page - Analog Devices ADA4430-1_15 Datasheet HTML 5Page - Analog Devices ADA4430-1_15 Datasheet HTML 6Page - Analog Devices ADA4430-1_15 Datasheet HTML 7Page - Analog Devices ADA4430-1_15 Datasheet HTML 8Page - Analog Devices ADA4430-1_15 Datasheet HTML 9Page - Analog Devices ADA4430-1_15 Datasheet HTML 10Page - Analog Devices ADA4430-1_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4430-1
Rev. C | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3 V, RL, = 150 Ω, VOUT = 2.0 V p-p, DIS = high, VOUT connected directly to SAG, TA = 25°C, unless otherwise noted.
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1100
10
FREQUENCY (MHz)
VS = 5V
VS = 3V
Figure 5. Frequency Response at Various Power Supplies
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1100
10
FREQUENCY (MHz)
RL = 150Ω
RL = 75Ω
Figure 6. Frequency Response at Various Loads
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1100
10
FREQUENCY (MHz)
+125°C
+25°C
–40°C
Figure 7. Frequency Response at Various Temperatures
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
11
FREQUENCY (MHz)
0
VS = 3V
VS = 5V
Figure 8. Frequency Response Flatness at Various Power Supplies
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
FREQUENCY (MHz)
RL = 75Ω
110
RL = 150Ω
Figure 9. Frequency Response Flatness at Various Loads
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
FREQUENCY (MHz)
+125°C
+25°C
–40°C
110
Figure 10. Frequency Response Flatness at Various Temperatures


Similar Part No. - ADA4430-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1YKSZ-R7 AD-ADA4430-1YKSZ-R7 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4430-1YKSZ-RL AD-ADA4430-1YKSZ-RL Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4430-1YKSZ_R2 AD-ADA4430-1YKSZ_R2 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
More results

Similar Description - ADA4430-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
   Ultra low power video buffer,filter with power-down
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
   Ultra-low Power Video Filter with Shut-down & SAG Correction
logo
Texas Instruments
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com