Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK001SF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STK001SF
Description  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK001SF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STK001SF Datasheet HTML 1Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 2Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 3Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 4Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 5Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 6Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 7Page - KODENSHI_AUK CORP. STK001SF Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T5C044-001
2
STK001SF
Electrical Characteristics (T
A=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250A, VGS=0
20
-
-
V
Gate threshold voltage
VGS(th)
ID=250A, VDS=VGS
0.6
-
1.2
V
Drain-source cut-off current
IDSS
VDS=20V, VGS=0V
-
-
1
A
Gate leakage current
IGSS
VDS=0V, VGS=12V
-
-
10
A
Drain-source on-resistance
RDS(ON)
VGS=4.5V, ID=1.6A
-
33
50
m
VGS=2.5V, ID=1.6A
-
46
70
Forward transfer conductance
gfs
VDS=5V, ID=3.2A
-
10.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=10V,
f=1MHz
-
395
-
pF
Output capacitance
Coss
-
97
-
Reverse transfer capacitance
Crss
-
44
-
Turn-on delay time
td(on)
VDD=10V, ID=3.2A
RG=10Ω
③④
-
3.2
-
ns
Rise time
tr
-
2.8
-
Turn-off delay time
td(off)
-
20
-
Fall time
tf
-
2.8
-
Total gate charge
Qg
VDD=10V, VGS=4.5V
ID=3.2A
③④
-
6.8
10
nC
Gate-source charge
Qgs
-
0.8
1.2
Gate-drain charge
Qgd
-
0.9
1.1
Source-Drain Diode Ratings and Characteristics (T
A=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Continuous source current
IS
Integral reverse diode
in the MOSFET
-
-
0.5
A
Source current (Pulsed)
ISM
-
-
2.0
Forward voltage
VSD
VGS=0V, IS=0.5A
-
0.7
1.2
V
Reverse recovery time
trr
Is=3.2A, VDD=10V
dIS/dt=70A/us
-
24
-
ns
Reverse recovery charge
Qrr
-
120
-
uC
Note ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=3.0mH, IAS=3.8A, VDD=10V, RG=25
Pulse Test : Pulse width≤300us, Duty cycle≤2%
Essentially independent of operating temperature


Similar Part No. - STK001SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
More results

Similar Description - STK001SF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com