Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD13005I Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STD13005I
Description  NPN Silicon Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD13005I Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STD13005I Datasheet HTML 1Page - KODENSHI_AUK CORP. STD13005I Datasheet HTML 2Page - KODENSHI_AUK CORP. STD13005I Datasheet HTML 3Page - KODENSHI_AUK CORP. STD13005I Datasheet HTML 4Page - KODENSHI_AUK CORP. STD13005I Datasheet HTML 5Page - KODENSHI_AUK CORP. STD13005I Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T6Q021-000
2
STD13005I
Electrical Characteristics
(Tc=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter sustaining voltage
VCE(sus)
IC=10mA, IB=0
400
-
-
V
Collector cut-off current
ICEV
VCEV=Rated Value
VBE(off)=1.5V
-
-
1
mA
Emitter cut-off current
IEBO
VEB=9V, IC=0
-
-
1
mA
DC Current gain
hFE*
IC=1A, VCE=5V
15
-
30
IC=2A, VCE=5V
8
-
30
Collector-Emitter saturation voltage
VCE(sat)*
IC=1A, IB=0.2A
-
-
0.5
V
IC=2A, IB=0.5A
-
-
0.6
IC=4A, IB=1A
-
-
1
Base-Emitter saturation voltage
VBE(sat)*
IC=1A, IB=0.2A
-
-
1.2
V
IC=2A, IB=0.5A
-
-
1.6
Transition frequency
fT
VCB=10V, IC=0.5A, f=1MHz
-
4
-
MHz
Output capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
-
35
-
pF
Turn on Time
tON
VCC=125V,IC=2A, RL=62.5Ω
IB1=-IB2=0.4A
-
0.5
-
Storage Time
tSTG
-
2.5
-
Fall Time
tF
-
0.1
-
* Pulse test: PW≤300 ㎲, Duty cycle≤2% Pulse


Similar Part No. - STD13005I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STD13005IS KODENSHI-STD13005IS Datasheet
212Kb / 5P
   SWITCHING REGULATOR APPLICATIONS
STD13005IS KODENSHI-STD13005IS Datasheet
238Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - STD13005I

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com