Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD96606 Datasheet(PDF) 3 Page - Analog Devices

Part # AD96606
Description  200 MHz Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD96606 Datasheet(HTML) 3 Page - Analog Devices

  AD96606_15 Datasheet HTML 1Page - Analog Devices AD96606_15 Datasheet HTML 2Page - Analog Devices AD96606_15 Datasheet HTML 3Page - Analog Devices AD96606_15 Datasheet HTML 4Page - Analog Devices AD96606_15 Datasheet HTML 5Page - Analog Devices AD96606_15 Datasheet HTML 6Page - Analog Devices AD96606_15 Datasheet HTML 7Page - Analog Devices AD96606_15 Datasheet HTML 8Page - Analog Devices AD96606_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9660
REV. 0
–3–
ABSOLUTE MAXIMUM RATINGS
1
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
VREF Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 mA
WRITE LEVEL, BIAS LEVEL . . . . . . . . . . . . . –0.5 V to +VS
TTL INPUTS . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +VS
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mA
Operating Temperature
AD9660KR . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
2 . . . . . . . . . . . . . . . . +150
°C
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . +300
°C
1Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure of
absolute maximum rating conditions for extended periods of time may affect
device reliability.
2Typical thermal impedance is
θ
JA = 45°C/W, θJC = 41°C/W.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% Production Tested.
II.
100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III. Sample Tested Only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. All devices are 100% production tested at +25
°C, sample
tested at temperature extremes.
100
450
1250
VBANDGAP
VREF
+VS
1mA
+VS
50
50
SENSE
IN
T/H
WRITE
HOLD
BIAS
HOLD
OUTPUT
+VS
OFFSET
SET
TTL
INPUT
+VS
Equivalent Circuits
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9660 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN ASSIGNMENTS
26
25
24
23
28
27
22
21
20
19
18
17
16
15
8
1
2
3
4
7
6
5
14
9
10
13
12
11
WRITE CAL
WRITE PULSE
WRITE LEVEL
VREF
WRITE HOLD
GROUND
+VS
SENSE IN
GAIN
POWER MONITOR
+VS
GROUND
BIAS HOLD
BIAS LEVEL
+VS
GROUND
OFFSET SET
OFFSET PULSE
+VS
+VS
OUTPUT
OUTPUT
+VS
OUTPUT
BIAS CAL
GROUND
OUTPUT
DISABLE
TOP VIEW
(Not to Scale)
AD9660KR
ORDERING GUIDE
Model
Temperature Range
Package Option
AD9660KR
0
°C to +70°C
R-28
AD9660KR-REEL
0
°C to +70°C
R-28 (1000/reel)


Similar Part No. - AD96606_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD96606_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
   200 Mbps Laser-Diode Driver
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com