Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73411 Datasheet(PDF) 10 Page - Analog Devices

Part # AD73411
Description  Low-Power Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73411 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD73411_15 Datasheet HTML 6Page - Analog Devices AD73411_15 Datasheet HTML 7Page - Analog Devices AD73411_15 Datasheet HTML 8Page - Analog Devices AD73411_15 Datasheet HTML 9Page - Analog Devices AD73411_15 Datasheet HTML 10Page - Analog Devices AD73411_15 Datasheet HTML 11Page - Analog Devices AD73411_15 Datasheet HTML 12Page - Analog Devices AD73411_15 Datasheet HTML 13Page - Analog Devices AD73411_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
REV. 0
AD73411
–10–
AD73411
AGND1
AGND2
DGND
DVDD
AVDD2
AVDD1
VINP
VINN
VOUTP
VOUTN
REFCAP
REFOUT
SDI
SDIFS
SCLK
SDO
SDOFS
SE
MCLK
RESET
1-BIT
DAC
REFERENCE
SERIAL
I/O
PORT
INTERPOLATOR
DECIMATOR
SWITCHED-
CAPACITOR
LOW-PASS FILTER
CONTINUOUS
TIME
LOW-PASS FILTER
+6/–15dB
PGA
0/38dB
PGA
ANALOG
SIGMA-DELTA
MODULATOR
DIGITAL
SIGMA-DELTA
MODULATOR
ANALOG
LOOPBACK/
SINGLE-ENDED
ENABLE
Figure 2. Functional Block Diagram of Analog Front End Section
The AFE is configured as a single I/O channel (similar to that of
the discrete AD73311L; refer to the AD73311L data sheet for
more details) having a 16-bit sigma-delta-based ADC and DAC.
Both ADC and DAC share a common reference whose nominal
value is 1.2 V. Figure 2 shows a block diagram of the AFE sec-
tion of the AD73411. It shows an ADC and DAC as well as a
common reference. Communication to both channels is handled
by the SPORT2 block which interfaces to either SPORT0 or
SPORT1 of the DSP section.
The I/O channel features fully differential inputs and outputs.
The input section allows direct connection to the internal Pro-
grammable Gain Amplifier at the input of the sigma-delta
ADC section. The input section also features programmable differ-
ential channel inversion and configuration of the differential
input as two separate single-ended inputs. The ADC features a
second order sigma-delta modulator which samples at MCLK/8.
Its bitstream output is filtered and decimated by a Sinc-cubed
decimator to provide a sample rate selectable from 64 kHz,
32 kHz, 16 kHz or 8 kHz (based on an MCLK of 16.384 MHz).
The DAC channel features a Sinc-cubed interpolator which
increases the sample rate from the selected rate to the digital
sigma-delta modulator rate of MCLK/8. The digital sigma-delta
modulator’s output bitstream is fed to a single-bit DAC whose
output is reconstructed/filtered by two stages of low-pass filtering
(switched capacitor and continuous time) before being applied
to the differential output driver.
FUNCTIONAL DESCRIPTION
Encoder Channel
The encoder channel consists of an input configuration block, a
switched capacitor PGA and a sigma-delta analog-to-digital
converter (ADC). An on-board digital filter, which forms part
of the sigma-delta ADC, also performs critical system-level
filtering. Due to the high level of oversampling, the input anti-
alias requirements are reduced such that a simple single pole
RC stage is sufficient to give adequate attenuation in the band
of interest.
Input Configuration Block
The input configuration block consists of a multiplexing arrange-
ment that allows selection of various input configurations. This
includes ADC input selection from either the VINP, VINN pins
or from the DAC output via the Analog Loop-Back (ALB)
arrangement. Differential inputs can be inverted and it is also
possible to use the device in single-ended mode, which allows
the option of using the VINP, VINN pins as two separate
single-ended inputs, either of which can be selected under soft-
ware control.
Programmable Gain Amplifier
The encoder section’s analog front end comprises a switched
capacitor PGA that also forms part of the sigma-delta modulator.
The SC sampling frequency is DMCLK/8. The PGA, whose
programmable gain settings are shown in Table I, may be
used to increase the signal level applied to the ADC from low
output sources such as microphones, and can be used to avoid
placing external amplifiers in the circuit. The input signal level
to the sigma-delta modulator should not exceed the maximum
input voltage permitted.
The PGA gain is set by bits IGS0, IGS1 and IGS2 (CRD:0–2)
in Control Register D.
Table I. PGA Settings for the Encoder Channel
IGS2
IGS1
IGS0
Gain (dB)
00
0
0
00
1
6
01
0
12
01
1
18
10
0
20
10
1
26
11
0
32
11
1
38
ADC
The ADC consists of an analog sigma-delta modulator and a
digital antialiasing decimation filter. The sigma-delta modu-
lator noise-shapes the signal and produces 1-bit samples at a
DMCLK/8 rate. This bitstream, representing the analog input
signal, is input to the antialiasing decimation filter. The decima-
tion filter reduces the sample rate and increases the resolution.


Similar Part No. - AD73411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73411BB-40 AD-AD73411BB-40 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411BB-80 AD-AD73411BB-80 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
More results

Similar Description - AD73411_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Analog Devices
ADMCF340 AD-ADMCF340 Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com