Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP10N40C1 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGTP10N40C1
Description  10A, 12A, 400V and 500V N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP10N40C1 Datasheet(HTML) 2 Page - Intersil Corporation

  HGTP10N40C1 Datasheet HTML 1Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 2Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 3Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 4Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 5Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 6Page - Intersil Corporation HGTP10N40C1 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3-16
Specifications HGTP10N40C1, 40E1, 50C1, 50E1, HGTH12N40C1, 40E1, 50C1, 50E1
Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
HGTH12N40C1, E1,
HGTP10N40C1, E1
HGTH12N50C1, E1,
HGTP10N50C1, E1
MIN
MAX
MIN
MAX
Collector-Emitter Breakdown
Voltage
BVCES
IC = 1mA, VGE = 0
400
-
500
-
V
Gate Threshold Voltage
VGE(TH)
VGE = VCE, IC = 1mA
2.0
4.5
3 (Typ)
2.0
4.5
3 (Typ)
V
Zero Gate Voltage Collector
Current
ICES
VCE = 400V, TC = +25
oC
-
250
-
-
µA
VCE = 500V, TC = +25
oC
---
250
µA
VCE = 400V, TC = +125
oC
-
1000
-
-
µA
VCE = 500V, TC = +125
oC
-
-
-
1000
µA
Gate-Emitter Leakage Current
IGES
VGE = ±20V, VCE = 0
-
100
-
100
nA
Collector-Emitter on Voltage
VCE(ON)
IC = 10A, VGE = 10V
-
2.5
-
2.5
V
IC = 17.5A, VGE = 20V
-
3.2
-
3.2
V
Gate-Emitter Plateau Voltage
VGEP
IC = 5A, VCE = 10V
-
6 (Typ)
-
6 (Typ)
V
On-State Gate Charge
QG(ON)
IC = 5A, VCE = 10V
-
19 (Typ)
-
19 (Typ)
nC
Turn-On Delay Time
tD(ON)I
IC = 10A, VCE(CLP) = 300V,
L = 50
µH, T
J = +100
oC,
VGE = 10V, RG = 50Ω
-
50
-
50
ns
Rise Time
tRI
-
50
-
50
ns
Turn-Off Delay Time
tD(OFF)I
-
400
-
400
ns
Fall Time
tFI
40E1, 50E1
680 (Typ)
1000
680 (Typ)
1000
ns
40C1, 50C1
400
500
400
500
ns
Turn-Off Energy Loss per Cycle
(Off Switching Dissipation =
WOFF x Frequency)
WOFF
IC = 10A, VCE(CLP) = 300V,
L = 50
µH, T
J = +100
oC,
VGE = 10V, RG = 50Ω
40E1, 50E1
680 (Typ)
µJ
40C1, 50C1
400 (Typ)
µJ
Thermal Resistance
Junction-to-Case
RθJC
HGTH, HGTM
-
1.67
-
1.67
oC/W
HGTP
-
2.083
-
2.083
oC/W
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS:
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,567,641
4,587,713
4,598,461
4,605,948
4,618,872
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027


Similar Part No. - HGTP10N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
More results

Similar Description - HGTP10N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com