Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG30N60C3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTG30N60C3
Description  63A, 600V, UFS Series N-Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG30N60C3 Datasheet(HTML) 3 Page - Intersil Corporation

  HGTG30N60C3 Datasheet HTML 1Page - Intersil Corporation HGTG30N60C3 Datasheet HTML 2Page - Intersil Corporation HGTG30N60C3 Datasheet HTML 3Page - Intersil Corporation HGTG30N60C3 Datasheet HTML 4Page - Intersil Corporation HGTG30N60C3 Datasheet HTML 5Page - Intersil Corporation HGTG30N60C3 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Curves
FIGURE 1. TRANSFER CHARACTERISTICS
FIGURE 2. SATURATION CHARACTERISTICS
FIGURE 3. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 4. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 5. MAXIMUM DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 6. SHORT CIRCUIT WITHSTAND TIME
VGE, GATE TO EMITTER VOLTAGE (V)
TC = 25
oC
TC = -40
oC
TC = 150
oC
46
8
10
12
0
25
50
75
100
125
150
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VCE = 10V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
PULSE DURATION = 250
µs, DUTY CYCLE <0.5%, TC = 25oC
0
02
4
6
8
10
10.0V
9.5V
9.0V
8.5V
25
50
75
100
125
150
7.5V
8.0V
12.0V
VGE = 15.0V
7.0V
0
25
50
01
2
3
4
5
75
100
125
150
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VGE = 10V
TC = -40
oC
TC = 25
oC
TC = 150
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
25
50
75
125
150
0
123
4
5
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
100
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%
VGE = 15V
TC = 150
oC
TC = 25
oC
TC = -40
oC
25
50
75
100
125
150
0
10
20
30
40
50
60
70
TC, CASE TEMPERATURE (
oC)
VGE = 15V
100
250
300
350
450
10
11
12
VGE, GATE TO EMITTER VOLTAGE (V)
14
15
13
500
400
200
150
ISC
tSC
5
10
15
20
25
VCE = 360V, RG = 25Ω, TJ = 125
oC
HGTG30N60C3


Similar Part No. - HGTG30N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
More results

Similar Description - HGTG30N60C3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com