Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4104-Y3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4104-Y3
Description  NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4104-Y3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4104-Y3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC4104
Features
High fT
Small reverse transfer capacitance
Complementary to 2SA1580
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
70
Collector - Emitter Voltage
VCEO
60
Emitter - Base Voltage
VEBO
4
Collector Current - Continuous
IC
50
Peak Collector Current
ICP
100
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE=0
70
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB=0
60
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC=0
4
Collector-base cut-off current
ICBO
VCB= 40 V , IE=0
0.1
Emitter cut-off current
IEBO
VEB= 3V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=20mA, IB=2mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=20mA, IB= 2mA
1
DC current gain
hFE
VCE= 10, IC= 10mA
60
270
Base-collector time constant
rbb,Cc
VCE= 10V, IC= 10mA
8
ps
Reverse transfer capacitance
Cre
VCB= 10V, f=1MHz
1
Output capacitance
Cob
VCB= 10V, f=1MHz
1.3
Transition frequency
fT
VCE= 10V, IE= 10mA
350
700
MHz
V
uA
V
pF
Classification of hfe
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Type
2SC4104-Y3
2SC4104-Y4
2SC4104-Y5
Range
60-120
90-180
135-270
Marking
YY3
YY4
YY5


Similar Part No. - 2SC4104-Y3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4104-Y3 KEXIN-2SC4104-Y3 Datasheet
377Kb / 1P
   NPN Transistors
2SC4104-Y3-HF KEXIN-2SC4104-Y3-HF Datasheet
385Kb / 1P
   NPN Transistors
2SC4104-Y3-HF KEXIN-2SC4104-Y3-HF Datasheet
422Kb / 1P
   NPN Transistors
More results

Similar Description - 2SC4104-Y3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com