Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG30N60B3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGTG30N60B3
Description  60A, 600V, UFS Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG30N60B3 Datasheet(HTML) 6 Page - Intersil Corporation

  HGTG30N60B3 Datasheet HTML 1Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 2Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 3Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 4Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 5Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 6Page - Intersil Corporation HGTG30N60B3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 16. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Test Circuit and Waveforms
FIGURE 17. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 18. SWITCHING TEST WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
t1, RECTANGULAR PULSE DURATION (s)
10-5
10-3
100
101
10-4
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
10-1
10-2
SINGLE PULSE
100
10-1
10-2
0.50
0.20
0.05
0.01
0.10
0.02
RG = 3Ω
L = 1mH
VDD = 480V
+
-
HGTP30N60B3D
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2
HGTG30N60B3


Similar Part No. - HGTG30N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
228Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG30N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com