Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73311 Datasheet(PDF) 8 Page - Analog Devices

Part # AD73311
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD73311_15 Datasheet HTML 4Page - Analog Devices AD73311_15 Datasheet HTML 5Page - Analog Devices AD73311_15 Datasheet HTML 6Page - Analog Devices AD73311_15 Datasheet HTML 7Page - Analog Devices AD73311_15 Datasheet HTML 8Page - Analog Devices AD73311_15 Datasheet HTML 9Page - Analog Devices AD73311_15 Datasheet HTML 10Page - Analog Devices AD73311_15 Datasheet HTML 11Page - Analog Devices AD73311_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD73311
–8–
REV. B
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5a. S/(N+D) vs. VIN (ADC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5b. S/(N+D) vs. VIN (DAC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5c. S/(N+D) vs. VIN (ADC @ 5 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5d. S/(N+D) vs. VIN (DAC @ 5 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
t7
t9
t10
t11
t12
THREE-
STATE
THREE-
STATE
THREE-
STATE
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
D15
D14
D1
D0
D15
D15
D2
D1
D0
D15
D14
t8
t7
t8
Figure 4. Serial Port (SPORT)


Similar Part No. - AD73311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311AR AD-AD73311AR Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311AR AD-AD73311AR Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARS AD-AD73311ARS Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARS AD-AD73311ARS Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Similar Description - AD73311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com