Electronic Components Datasheet Search |
|
AD22103 Datasheet(PDF) 3 Page - Analog Devices |
|
AD22103 Datasheet(HTML) 3 Page - Analog Devices |
3 / 6 page AD22103 REV. 0 –3– ABSOLUTE MAXIMUM RATINGS* Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V Reversed Continuous Supply Voltage . . . . . . . . . . . . . . . –10 V Operating Temperature . . . . . . . . . . . . . . . . . . 0 °C to +100°C Storage Temperature . . . . . . . . . . . . . . . . . . . –65 °C to +160°C Output Short Circuit to VS or Ground . . . . . . . . . . . . Indefinite Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300 °C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Guaranteed Temperature Package Package Model/Grade Range Description Option AD22103KT 0 °C to +100°C TO-92 TO-92 AD22103KR 0 °C to +100°C SOIC SO-8 AD22103KChips* +25 °C N/A N/A *Minimum purchase quantities of 100 pieces for all chip orders. PIN DESCRIPTION Mnemonic Function VS Power Supply Input VO Device Output GND Ground Pin Must Be Connected to 0 V NC No Connect PIN CONFIGURATIONS TO-92 AD22103 BOTTOM VIEW (Not to Scale) PIN 1 PIN 2 PIN 3 GND VO VS SOIC 1 2 3 4 8 7 6 5 TOP VIEW (Not to Scale) NC = NO CONNECT AD22103 VS NC NC NC NC VO NC GND FLOW RATE – CFM 18 2 14 8 6 4 12 10 0 1200 400 800 T (SOIC) T (TO-92) Figure 2. Thermal Response vs. Air Flow Rate (SOIC) (TO-92) FLOW RATE – CFM 250 50 200 150 100 0 1200 400 800 Figure 3. Thermal Resistance vs. Air Flow Rate Typical Performance Curves WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD22103 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - AD22103_15 |
|
Similar Description - AD22103_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |