Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT05SF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDT05SF
Description  TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDT05SF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDT05SF Datasheet HTML 1Page - KODENSHI_AUK CORP. SDT05SF Datasheet HTML 2Page - KODENSHI_AUK CORP. SDT05SF Datasheet HTML 3Page - KODENSHI_AUK CORP. SDT05SF Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-D5C008-000
2
SDT05SF
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Peak pulse power ( tp = 8/20 ㎲ )
PPK
200
W
Peak pulse current (tp = 8/20 ㎲ )
IPP
12
A
Lead soldering temperature
TL
260 (10sec. )
°C
Junction temperature
TJ
125
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Reverse breakdown voltage
VBR
IR=1mA
6.0
-
7.5
V
Reverse leakage current
IR
VR=5V
-
-
5
VC(1)
IPP=1A, tp=8/20 ㎲
-
-
9.5
V
Clamping voltage
VC(2)
IPP=12A, tp=8/20 ㎲
5.0
-
12.5
V
Tatal capacitance
CT
Between I/O pins and GND
VR=0V, f=1MHz
-
-
150
pF


Similar Part No. - SDT05SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
SDT05SF AUK-SDT05SF Datasheet
230Kb / 4P
   TVS Diode
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
More results

Similar Description - SDT05SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
XBP1012-12 TOREX-XBP1012-12 Datasheet
204Kb / 5P
   TVS Diode
XBP1012 TOREX-XBP1012_12 Datasheet
204Kb / 5P
   TVS Diode
logo
Peregrine Semiconductor...
XBP1012 PEREGRINE-XBP1012_15 Datasheet
204Kb / 5P
   TVS Diode
logo
AUK corp
SDT05J AUK-SDT05J Datasheet
70Kb / 3P
   TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com