Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N50C1D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGTG20N50C1D
Description  20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG20N50C1D Datasheet(HTML) 1 Page - Intersil Corporation

  HGTG20N50C1D Datasheet HTML 1Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 2Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 3Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 4Page - Intersil Corporation HGTG20N50C1D Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-71
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HGTG20N50C1D
20A, 500V N-Channel IGBT
with Anti-Parallel Ultrafast Diode
Features
• 20A, 500V
• Latch Free Operation
• Typical Fall Time < 500ns
• High Input Impedance
• Low Conduction Loss
• With Anti-Parallel Diode
•tRR < 60ns
Description
The IGBT is a MOS gated high voltage switching device
combining the best features of MOSFETs and bipolar
transistors. The device has the high input impedance of a
MOSFET and the low on-state conduction loss of a bipolar
transistor. The much lower on-state voltage drop varies only
moderately between +25oC and +150oC. The diode used in
parallel with the IGBT is an ultrafast (tRR < 60ns) with soft
recovery characteristic.
IGBTs are ideal for many high voltage switching applications
operating at frequencies where low conduction losses are
essential, such as: AC and DC motor controls, power
supplies and drivers for solenoids, relays and contractors.
PACKAGING AVAILABILITY
PART NUMBER
PACKAGE
BRAND
HGTG20N50C1D
TO-247
G20N50C1D
NOTE: When ordering, use the entire part number.
April 1995
Package
JEDEC STYLE TO-247
Terminal Diagram
COLLECTOR
GATE
COLLECTOR
EMITTER
(BOTTOM SIDE
METAL)
C
G
E
Absolute Maximum Ratings TC = +25oC, Unless Otherwise Specified
HGTG20N50C1D
UNITS
Collector-Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
500
V
Collector-Gate Voltage RGE = 1MΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCGR
500
V
Collector Current Continuous at TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
C25
26
A
at TC = +90
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
C90
20
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
35
A
Gate-Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Diode Forward Current at TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
F25
26
A
at TC = +90
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
F90
20
A
Power Dissipation Total at TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
75
W
Power Dissipation Derating TC > +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.8
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to +150
oC
Maximum Lead Temperature for Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
NOTE: 1. TJ = +150
oC, Minimum R
GE = 25Ω without latch
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS:
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,567,641
4,587,713
4,598,461
4,605,948
4,618,872
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
File Number
2796.3


Similar Part No. - HGTG20N50C1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N100D2 INTERSIL-HGTG20N100D2 Datasheet
36Kb / 5P
   20A, 1000V N-Channel IGBT
May 1995
HGTG20N120 INTERSIL-HGTG20N120 Datasheet
167Kb / 5P
   34A, 1200V N-Channel IGBT
April 1995
HGTG20N120C3D INTERSIL-HGTG20N120C3D Datasheet
97Kb / 8P
   45A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1998
HGTG20N120CN INTERSIL-HGTG20N120CN Datasheet
83Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGTG20N50C1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTG12N60D1D INTERSIL-HGTG12N60D1D Datasheet
36Kb / 6P
   12A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTG24N60D1D INTERSIL-HGTG24N60D1D Datasheet
35Kb / 5P
   24A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com