Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N120CND Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGTG20N120CND
Description  63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG20N120CND Datasheet(HTML) 1 Page - Intersil Corporation

  HGTG20N120CND Datasheet HTML 1Page - Intersil Corporation HGTG20N120CND Datasheet HTML 2Page - Intersil Corporation HGTG20N120CND Datasheet HTML 3Page - Intersil Corporation HGTG20N120CND Datasheet HTML 4Page - Intersil Corporation HGTG20N120CND Datasheet HTML 5Page - Intersil Corporation HGTG20N120CND Datasheet HTML 6Page - Intersil Corporation HGTG20N120CND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HGTG20N120CND
63A, 1200V, NPT Series N-Channel IGBT
with Anti-Parallel Hyperfast Diode
The HGTG20N120CND is a Non-Punch Through (NPT)
IGBT design. This is a new member of the MOS gated high
voltage switching IGBT family. IGBTs combine the best
features of MOSFETs and bipolar transistors. This device
has the high input impedance of a MOSFET and the low on-
state conduction loss of a bipolar transistor.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49305.
Features
• 63A, 1200V, TC = 25
oC
• 1200V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . 340ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
Packaging
JEDEC STYLE TO-247
Symbol
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTG20N120CND
TO-247
20N120CND
NOTE: When ordering, use the entire part number.
G
C
E
E
G
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000
File Number
4535.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HGTG20N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG20N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com