Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1933 Datasheet(PDF) 5 Page - NEC

Part # UPC1933
Description  DC-DC CONVERTER CONTROL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1933 Datasheet(HTML) 5 Page - NEC

  UPC1933 Datasheet HTML 1Page - NEC UPC1933 Datasheet HTML 2Page - NEC UPC1933 Datasheet HTML 3Page - NEC UPC1933 Datasheet HTML 4Page - NEC UPC1933 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet G13690EJ3V0DS00
5
µµµµ PC1933
1.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (unless otherwise specified, TA
==== 25 °°°°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
30
V
Output voltage
VO
30
V
Output current (open drain output)
IO
21
mA
Total power dissipation
PT
480
mW
Operating ambient temperature
TA
−20 to + 85
°C
Storage temperature
Tstg
−55 to + 150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
2.5
20
V
Output voltage
VO
020
V
Output current
IO
20
mA
Operating temperature
TA
−20
+85
°C
Oscillation frequency
fOSC
20
800
kHz
Caution
The recommended operating range may be exceeded without causing any problems provided that the
absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds
the recommended operating conditions, the margin between the actual conditions of use and the
absolute maximum ratings is small, and therefore thorough evaluation is necessary. The recommended
operating conditions do not imply that the device can be used with all values at their maximum values.


Similar Part No. - UPC1933

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1933GR RENESAS-UPC1933GR Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC1933

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
Rohm
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
logo
New Japan Radio
NJM2340 NJRC-NJM2340 Datasheet
125Kb / 6P
   HIGH PRECISION DC/DC CONVERTER CONTROL IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com