Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N100D2 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTG20N100D2
Description  20A, 1000V N-Channel IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG20N100D2 Datasheet(HTML) 3 Page - Intersil Corporation

  HGTG20N100D2 Datasheet HTML 1Page - Intersil Corporation HGTG20N100D2 Datasheet HTML 2Page - Intersil Corporation HGTG20N100D2 Datasheet HTML 3Page - Intersil Corporation HGTG20N100D2 Datasheet HTML 4Page - Intersil Corporation HGTG20N100D2 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3-95
HGTG20N100D2
FIGURE 3. DC COLLECTOR CURRENT vs CASE TEMPERATURE
FIGURE 4. FALL TIME vs COLLECTOR-EMITTER CURRENT
FIGURE 5. CAPACITANCE vs COLLECTOR-EMITTER VOLTAGE
FIGURE 6. NORMALIZED SWITCHING WAVEFORMS AT CON-
STANT GATE CURRENT (REFER TO APPLICATION
NOTES AN7254 AND AN7260)
FIGURE 7. SATURATION VOLTAGE vs COLLECTOR-EMITTER
CURRENT
FIGURE 8. TURN-OFF SWITCHING LOSS vs COLLECTOR-
EMITTER CURRENT
Typical Performance Curves (Continued)
35
30
25
20
15
10
0
+25
+50
+75
+100
+125
+150
TC, CASE TEMPERATURE (
oC)
VGE = 15V
VGE = 10V
5
2.5
2.0
1.5
1.0
0.5
0.0
110
40
ICE, COLLECTOR-EMITTER CURRENT (A)
VCE = 800V, TJ = +150
oC,
VGE = 15V, RG = 25Ω, L = 50µH
6000
5000
4000
3000
2000
1000
0
0
5
10
15
20
25
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
f = 1MHz
CISS
COSS
CRSS
1000
750
500
250
0
10
5
0
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
TIME (
µs)
GATE-
EMITTER
VOLTAGE
RL = 29Ω
IG(REF) = 1.8mA
VGE = 10V
COLLECTOR-EMITTER VOLTAGE
0.75 BVCES
0.50 BVCES
0.25 BVCES
0.75 BVCES
0.50 BVCES
0.25 BVCES
VCC = BVCES
VCC = BVCES
5
4
3
2
1
0
110
40
ICE, COLLECTOR-EMITTER CURRENT (A)
TJ = +150
oC
VGE = 10V
VGE = 15V
10
1.0
0.1
110
40
ICE, COLLECTOR-EMITTER CURRENT (A)
TJ = +150
oC, V
GE = 15V,
RG = 25Ω, L = 50µH
VCE = 400V, VGE = 10V, 15V
VCE = 800V, VGE = 10V, 15V


Similar Part No. - HGTG20N100D2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N120 INTERSIL-HGTG20N120 Datasheet
167Kb / 5P
   34A, 1200V N-Channel IGBT
April 1995
HGTG20N120C3D INTERSIL-HGTG20N120C3D Datasheet
97Kb / 8P
   45A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1998
HGTG20N120CN INTERSIL-HGTG20N120CN Datasheet
83Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG20N100D2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG34N100E2 INTERSIL-HGTG34N100E2 Datasheet
38Kb / 5P
   34A, 1000V N-Channel IGBT
April 1995
logo
STMicroelectronics
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
   N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
   N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
logo
IXYS Corporation
IXGH32N100A3 IXYS-IXGH32N100A3 Datasheet
129Kb / 2P
   GenX3 1000V IGBT
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com