Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT01L60 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SCT01L60
Description  Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SCT01L60 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SCT01L60 Datasheet HTML 1Page - KODENSHI_AUK CORP. SCT01L60 Datasheet HTML 2Page - KODENSHI_AUK CORP. SCT01L60 Datasheet HTML 3Page - KODENSHI_AUK CORP. SCT01L60 Datasheet HTML 4Page - KODENSHI_AUK CORP. SCT01L60 Datasheet HTML 5Page - KODENSHI_AUK CORP. SCT01L60 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSD-S0A001-000
3
SCT01L60
Electrical Characteristic Curves
Fig. 6 IT - IGT
Fig. 1 P – IT(RMS)
Fig. 4 (dI/dt)C - (dV/dt)C
Fig. 2 IT(RMS) – TC
Fig. 5 IGT- Tj
Fig. 3 IT - VT


Similar Part No. - SCT01L60

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT010 YHDC-SCT010 Datasheet
1Mb / 1P
   Split core current transformer
SCT010T YHDC-SCT010T Datasheet
6Mb / 1P
   0.333V Split core current transformer
SCT010T-D YHDC-SCT010T-D Datasheet
6Mb / 1P
   T-D series DC output split core current transformer
logo
STMicroelectronics
SCT011H75G3AG STMICROELECTRONICS-SCT011H75G3AG Datasheet
395Kb / 14P
   Automotive-grade silicon carbide Power MOSFET 750 V, 11.4 mΩ typ., 110 A in an H²PAK-7 package
Rev 1 - March 2022
SCT012H90G3AG STMICROELECTRONICS-SCT012H90G3AG Datasheet
390Kb / 14P
   Automotive-grade silicon carbide Power MOSFET 900 V, 12 mΩ typ., 110 A in an H²PAK-7 package
Rev 1 - September 2022
More results

Similar Description - SCT01L60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com