Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG15N120C3 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HGTG15N120C3
Description  35A, 1200V, UFS Series N-Channel IGBTs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG15N120C3 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HGTG15N120C3 Datasheet HTML 3Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 4Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 5Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 6Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 7Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 8Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 9Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 10Page - Intersil Corporation HGTG15N120C3 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
HGTG15N120C3, HGTP15N120C3, HGT1S15N120C3, HGT1S15N120C3S
TO-247
3 LEAD JEDEC STYLE TO-247 PLASTIC PACKAGE
LEAD NO. 1
-
GATE
LEAD NO. 2
-
COLLECTOR
LEAD NO. 3
-
EMITTER
TERM. 4
MOUNTING
FLANGE
-
COLLECTOR
A
b
b1
c
D
E
L
L1
ØR
1
2
e1
3
1
J1
ØS
Q
ØP
BACK VIEW
TERM. 4
3
e
b2
2
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.180
0.190
4.58
4.82
-
b
0.046
0.051
1.17
1.29
2, 3
b1
0.060
0.070
1.53
1.77
1, 2
b2
0.095
0.105
2.42
2.66
1, 2
c
0.020
0.026
0.51
0.66
1, 2, 3
D
0.800
0.820
20.32
20.82
-
E
0.605
0.625
15.37
15.87
-
e
0.219 TYP
5.56 TYP
4
e1
0.438 BSC
11.12 BSC
4
J1
0.090
0.105
2.29
2.66
5
L
0.620
0.640
15.75
16.25
-
L1
0.145
0.155
3.69
3.93
1
ØP
0.138
0.144
3.51
3.65
-
Q
0.210
0.220
5.34
5.58
-
ØR
0.195
0.205
4.96
5.20
-
ØS
0.260
0.270
6.61
6.85
-
NOTES:
1. Lead dimension and finish uncontrolled in L1.
2. Lead dimension (without solder).
3. Add typically 0.002 inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.250 inches (6.35mm) from bottom
of dimension D.
5. Position of lead to be measured 0.100 inches (2.54mm) from bottom
of dimension D.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.


Similar Part No. - HGTG15N120C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG15N120C3D INTERSIL-HGTG15N120C3D Datasheet
101Kb / 9P
   35A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
May 1997
More results

Similar Description - HGTG15N120C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com