Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP3N60A4 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HGTP3N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP3N60A4 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HGTP3N60A4 Datasheet HTML 2Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 3Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 4Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 5Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 6Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 7Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 8Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 9Page - Intersil Corporation HGTP3N60A4 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HGTD3N60A4S, HGT1S3N60A4S, HGTP3N60A4
TO-252AA
SURFACE MOUNT JEDEC TO-252AA PLASTIC PACKAGE
TO-252AA
16mm TAPE AND REEL
b2
E
D
L3
L
e
b1
b
13
A
L
c
SEATING
BACK VIEW
2
H1
A1
b3
e1
J1
L1
TERM. 4
0.265
MINIMUM PAD SIZE RECOMMENDED FOR
SURFACE-MOUNTED APPLICATIONS
(6.7)
0.265 (6.7)
0.070 (1.8)
0.118 (3.0)
0.063 (1.6) TYP
0.090 (2.3) TYP
PLANE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.086
0.094
2.19
2.38
-
A1
0.018
0.022
0.46
0.55
4, 5
b
0.028
0.032
0.72
0.81
4, 5
b1
0.033
0.040
0.84
1.01
4
b2
0.205
0.215
5.21
5.46
4, 5
b3
0.190
-
4.83
-
2
c
0.018
0.022
0.46
0.55
4, 5
D
0.270
0.290
6.86
7.36
-
E
0.250
0.265
6.35
6.73
-
e
0.090 TYP
2.28 TYP
7
e1
0.180 BSC
4.57 BSC
7
H1
0.035
0.045
0.89
1.14
-
J1
0.040
0.045
1.02
1.14
-
L
0.100
0.115
2.54
2.92
-
L1
0.020
-
0.51
-
4, 6
L2
0.025
0.040
0.64
1.01
3
L3
0.170
-
4.32
-
2
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-252AA outline dated 9-88.
2. L3 and b3 dimensions establish a minimum mounting surface for
terminal 4.
3. Solder finish uncontrolled in this area.
4. Dimension (without solder).
5. Add typically 0.002 inches (0.05mm) for solder plating.
6. L1 is the terminal length for soldering.
7. Position of lead to be measured 0.090 inches (2.28mm) from bottom
of dimension D.
8. Controlling dimension: Inch.
9. Revision 9 dated 5-99.
2.0mm
4.0mm
1.5mm
DIA. HOLE
8.0mm
16mm
USER DIRECTION OF FEED
C
L
1.75mm
330mm
50mm
13mm
22.4mm
16.4mm
COVER TAPE
GENERAL INFORMATION
1. 2500 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.


Similar Part No. - HGTP3N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP3N60A4 FAIRCHILD-HGTP3N60A4 Datasheet
113Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTP3N60A4 FAIRCHILD-HGTP3N60A4 Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTP3N60A4D FAIRCHILD-HGTP3N60A4D Datasheet
113Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP3N60A4D INTERSIL-HGTP3N60A4D Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTP3N60A4D9A FAIRCHILD-HGTP3N60A4D9A Datasheet
113Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTP3N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com