Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP3528W00A2I Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KP3528W00A2I
Description  Small Footprint Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KP3528W00A2I Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KP3528W00A2I Datasheet HTML 1Page - KODENSHI_AUK CORP. KP3528W00A2I Datasheet HTML 2Page - KODENSHI_AUK CORP. KP3528W00A2I Datasheet HTML 3Page - KODENSHI_AUK CORP. KP3528W00A2I Datasheet HTML 4Page - KODENSHI_AUK CORP. KP3528W00A2I Datasheet HTML 5Page - KODENSHI_AUK CORP. KP3528W00A2I Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AUK CORP.
KP3528W00A2I
5. Absolute Maximums
*1. IFP was measured at Tw ≤ 1 msec of pulse width and D ≤ 1/10 of duty ratio.
*2. Soldering time : 5 Sec
6. Electro-Optical Characteristics (TA = 25℃)
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package.
*2. 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*3. Measuring Tolerance
- VF : ± 0.1 V, IV : ± 10%, Ra : ± 3, X,Y : ± 0.01
AUK-LDM-001(A)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date : 09-MAY-12
Item
Symbol
Min.
Max.
Unit
Conditions
Forward Current
IF
-
30
mA
Peak Forward Current
*1
IFP
-
100
mA
Power Dissipation
PD
-
111
mW
Reverse Voltage
VR
-
5
V
Operating Temperature
TOP
-40
100
Storage Temperature
Ts
-40
100
Min.
Typ.
Max.
Unit
Soldering Temperature*2
Tsol
-
260
Conditions
Forward voltage
*3
VF
2.9
3.2
3.5
V
IF=20mA
Item
Symbol
Reverse voltage
VR
0.5
-
1.5
V
Luminous intensity
*
1,3
IV
800
1000
1200
mcd
x
0.245
0.26
0.280
-
IR=5mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
y
0.225
0.24
0.255
-
2
Θ1/2
-
120
-
deg
Half angle
*2
Chromaticity
coordiante
*3


Similar Part No. - KP3528W00A2I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
More results

Similar Description - KP3528W00A2I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6102BS KODENSHI-KOI-6102BS Datasheet
109Kb / 2P
   Small footprint surface mount package
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
KP5630W5AD29 KODENSHI-KP5630W5AD29 Datasheet
315Kb / 6P
   Small Footprint Surface Mount Package
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
KP3528BSKA2I-VX KODENSHI-KP3528BSKA2I-VX Datasheet
277Kb / 6P
   Small Footprint Surface Mount Package
KP1506W00 KODENSHI-KP1506W00 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP1506WW0 KODENSHI-KP1506WW0 Datasheet
358Kb / 4P
   Small Footprint Surface Mount Package
KP3812W00A16 KODENSHI-KP3812W00A16 Datasheet
254Kb / 6P
   Small Footprint Surface Mount Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com