Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7203L120LB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7203L120LB
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7203L120LB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7203L120LB Datasheet HTML 1Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 2Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 3Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 4Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 5Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 6Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 7Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 8Page - Integrated Device Technology IDT7203L120LB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5.04
3
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS FOR THE 7205 AND 7206
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C; Military: VCC = 5.0V±10%, TA = –55°C to +125°C)
IDT7205/7206
IDT7205/7206
Commercial
Military
tA = 15, 20, 25, 35, 50 ns
tA = 20, 30, 50 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
1
–1
1
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1
(3)
Active Power Supply Current
120
(4)
150
(4)
mA
ICC2
(3)
Standby Current (
R=W=RS=FL/RT=VIH)—
12
25
mA
ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
8
12
mA
DC ELECTRICAL CHARACTERISTICS FOR THE 7203 AND 7204
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C; Military: VCC = 5.0V±10%, TA = –55°C to +125°C)
IDT7203/7204
IDT7203/7204
Commercial
Military(1)
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30, 40, 50, 65, 80, 120 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(2)
Input Leakage Current (Any Input)
–1
1
–1
1
µA
ILO
(3)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1
(4)
Active Power Supply Current
120
(5)
150
(5)
mA
ICC2
(4)
Standby Current (
R=W=RS=FL/RT=VIH)—
12
25
mA
ICC3(L)
(4)
Power Down Current (All Input = VCC - 0.2V)
2
4
mA
ICC3(S)
(4)
Power Down Current (All Input = VCC - 0.2V)
8
12
mA
NOTES:
2661 tbl 03
1. Speed grades 65, 80, and 120ns are only available in the ceramic DIP.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. ICC measurements are made with outputs open (only capacitive loading).
5. Tested at f = 20MHz.
NOTES:
2661 tbl 04
1. Measurements with 0.4
≤ VIN ≤ VCC.
2. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. ICC measurements are made with outputs open (only capacitive loading).
4. Tested at f = 20MHz.


Similar Part No. - IDT7203L120LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203L12DG IDT-IDT7203L12DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203L12DGI IDT-IDT7203L12DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203L12JG IDT-IDT7203L12JG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203L12JGI IDT-IDT7203L12JGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203L12LG IDT-IDT7203L12LG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7203L120LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com