Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3983 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3983
Description  2.4GHz Power Amplifier and Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3983 Datasheet(HTML) 6 Page - Intersil Corporation

  HFA3983 Datasheet HTML 1Page - Intersil Corporation HFA3983 Datasheet HTML 2Page - Intersil Corporation HFA3983 Datasheet HTML 3Page - Intersil Corporation HFA3983 Datasheet HTML 4Page - Intersil Corporation HFA3983 Datasheet HTML 5Page - Intersil Corporation HFA3983 Datasheet HTML 6Page - Intersil Corporation HFA3983 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-6
FIGURE 7. GAIN COMPRESSION OVER VOLTAGE
FIGURE 8. GAIN COMPRESSION OVER TEMPERATURE
FIGURE 9. DSSS OUTPUT SIGNAL OVER VOLTAGE
FIGURE 10. DSSS OUTPUT SIGNAL OVER TEMPERATURE
FIGURE 11. DETECTOR OUTPUT OVER VOLTAGE
FIGURE 12. DETECTOR OUTPUT OVER TEMPERATURE
Typical Performance Curves (Continued)
INPUT POWER (dBm)
-5
-11
-25
0
1
2
2.7V
3.6V
3.6V
2.7V
INPUT POWER (dBm)
-5
-11
-25
0
1
2
85oC
-40oC
25oC
85oC
25oC
-40oC
CENTER FREQUENCY 2450MHz
SPAN 50MHz
INPUT POWER -2dBm
2.7V
3V
3.3V
3.6V
CENTER FREQUENCY 2450MHz
SPAN 50MHz
INPUT POWER -2dBm
85oC
-40oC
25oC
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
13
14
15
16
17
18
19
20
OUTPUT POWER (dBm)
3.6V
2.7V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
13
14
15
16
17
18
19
20
OUTPUT POWER (dBm)
85oC
-40oC
25oC
1
HFA3983


Similar Part No. - HFA3983

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
HFA3925IA INTERSIL-HFA3925IA Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
HFA3925IA96 INTERSIL-HFA3925IA96 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
HFA3926 INTERSIL-HFA3926 Datasheet
69Kb / 7P
   2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
HFA3926IA INTERSIL-HFA3926IA Datasheet
69Kb / 7P
   2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
More results

Similar Description - HFA3983

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
   2.4GHz Power Amplifier and Detector
logo
SiGe Semiconductor, Inc...
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
logo
SiGe Semiconductor, Inc...
SE2529L SIGE-SE2529L Datasheet
190Kb / 10P
   RangeCharger 2.4GHz Power Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
SiGe Semiconductor, Inc...
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com