Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3926 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HFA3926
Description  2.0GHz - 2.7GHz 250mW Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3926 Datasheet(HTML) 7 Page - Intersil Corporation

  HFA3926 Datasheet HTML 1Page - Intersil Corporation HFA3926 Datasheet HTML 2Page - Intersil Corporation HFA3926 Datasheet HTML 3Page - Intersil Corporation HFA3926 Datasheet HTML 4Page - Intersil Corporation HFA3926 Datasheet HTML 5Page - Intersil Corporation HFA3926 Datasheet HTML 6Page - Intersil Corporation HFA3926 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2-235
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Typical Application Example: Positive Supply, Single Stage 3 Adjustment Circuit
1
2
3
4
5
6
7
22
23
24
25
26
27
28
22pF
HFA3926
8
9
10
11
12
13
14
15
16
17
18
19
20
21
3.01K
715
0.1
µF
1000pF
4.7
µF
TANTL
RF IN
5pF
RF OUT
22pF
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RF IN
VG1
VDD1
VG2
VDD3
VDD2
VG3
VDD
GND
GND
GND
GND
GND
GND
GND
VCC1 = +5V
VCC2 = +3.5V
0.1
µF
3.01K
715
0.1
µF
+IN
-OUT
+ TO -V
CONVERTER
-
+
4.7
µF TANTL
-
+
VCC2
0.1
µF
VCC1
0.1
µF
GND
N/C
ICL7660SIBA
SUPER VOLTAGE
CONVERTER
Motorola™
10K
820
1K
MMBT
2222
ALTM
FIGURE 13. POSITIVE, SINGLE STAGE 3 ADJUSTMENT CIRCUIT
HFA3926


Similar Part No. - HFA3926

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
HFA3925IA INTERSIL-HFA3925IA Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
HFA3925IA96 INTERSIL-HFA3925IA96 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
More results

Similar Description - HFA3926

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50307EVAL1 INTERSIL-HSP50307EVAL1 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com