Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACSA03-41SURKWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # ACSA03-41SURKWA-F01
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSA03-41SURKWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  ACSA03-41SURKWA-F01_15 Datasheet HTML 1Page - Kingbright Corporation ACSA03-41SURKWA-F01_15 Datasheet HTML 2Page - Kingbright Corporation ACSA03-41SURKWA-F01_15 Datasheet HTML 3Page - Kingbright Corporation ACSA03-41SURKWA-F01_15 Datasheet HTML 4Page - Kingbright Corporation ACSA03-41SURKWA-F01_15 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG0269
REV NO: V.10A
DATE: JAN/12/2015
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1351000384
SURFACE MOUNT DISPLAY
Part Number: ACSA03-41SURKWA-F01
Hyper Red
Features
0.3 inch digit height.
Low current operation.
Excellent character appearance.
Mechanically rugged.
Gray face,white segment.
Package : 550pcs / reel.
Moisture sensitivity level : level 2a.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm


Similar Part No. - ACSA03-41SURKWA-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACSA03-41SURKWA-F01 KINGBRIGHT-ACSA03-41SURKWA-F01 Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACSA03-41SURKWA-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com