Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3860IV96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA3860IV96
Description  11 Mbps Direct Sequence Spread Spectrum Baseband Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3860IV96 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA3860IV96 Datasheet HTML 1Page - Intersil Corporation HFA3860IV96 Datasheet HTML 2Page - Intersil Corporation HFA3860IV96 Datasheet HTML 3Page - Intersil Corporation HFA3860IV96 Datasheet HTML 4Page - Intersil Corporation HFA3860IV96 Datasheet HTML 5Page - Intersil Corporation HFA3860IV96 Datasheet HTML 6Page - Intersil Corporation HFA3860IV96 Datasheet HTML 7Page - Intersil Corporation HFA3860IV96 Datasheet HTML 8Page - Intersil Corporation HFA3860IV96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4-
4
TX_PE
2
I
When active, the transmitter is configured to be operational, otherwise the transmitter is in standby
mode. TX_PE is an input from the external Media Access Controller (MAC) or network processor to
the HFA3860. The rising edge of TX_PE will start the internal transmit state machine and the falling
edge will initiate shut down of the state machine. TX_PE envelopes the transmit data except for the last
bit. The transmitter will continue to run for 3 symbols after TX_PE goes inactive to allow the PA to shut
down gracefully.
TXD
3
I
TXD is an input, used to transfer MAC Payload Data Unit (MPDU) data from the MAC or network
processor to the HFA3860. The data is received serially with the LSB first. The data is clocked in the
HFA3860 at the rising edge of TXCLK.
TXCLK
4
O
TXCLK is a clock output used to receive the data on the TXD from the MAC or network processor to
the HFA3860, synchronously. Transmit data on the TXD bus is clocked into the HFA3860 on the rising
edge. The clocking edge is also programmable to be on either phase of the clock. The rate of the clock
will be dependent upon the data rate that is programmed in the signalling field of the header.
TX_RDY
5
O
TX_RDY is an output to the external network processor indicating that Preamble and Header
information has been generated and that the HFA3860 is ready to receive the data packet from the
network processor over the TXD serial bus. The TX_RDY returns to the inactive state when the last
chip of the last symbol has been output.
CCA
32
O
Clear Channel Assessment (CCA) is an output used to signal that the channel is clear to transmit. The
CCA algorithm makes its decision as a function of RSSI, Energy Detect (ED), and Carrier Sense
(CRS). The CCA algorithm and its features are described elsewhere in the data sheet.
Logic 0 = Channel is clear to transmit.
Logic 1 = Channel is NOT clear to transmit (busy).
This polarity is programmable and can be inverted.
RXD
35
O
RXD is an output to the external network processor transferring demodulated Header information and
data in a serial format. The data is sent serially with the LSB first. The data is frame aligned with
MD_RDY.
RXCLK
36
O
RXCLK is the bit clock output. This clock is used to transfer Header information and payload data
through the RXD serial bus to the network processor. This clock reflects the bit rate in use. RXCLK is
held to a logic “0” state during the CRC16 reception. RXCLK becomes active after the SFD has been
detected. Data should be sampled on the rising edge. This polarity is programmable and can be
inverted.
MD_RDY
34
O
MD_RDY is an output signal to the network processor, indicating header data and a data packet are
ready to be transferred to the processor. MD_RDY is an active high signal and it envelopes the data
transfer over the RXD serial bus. MD_RDY goes active when the SFD is detected and returns to its
inactive state when RX_PE goes inactive or an error is detected in the header.
RX_PE
33
I
When active, the receiver is configured to be operational, otherwise the receiver is in standby mode.
This is an active high input signal. In standby, RX_PE inactive, all A/D converters are disabled.
SD
25
I/O
SD is a serial bi-directional data bus which is used to transfer address and data to/from the internal
registers. The bit ordering of an 8-bit word is MSB first. The first 8 bits during transfers indicate the
register address immediately followed by 8 more bits representing the data that needs to be written or
read at that register.
SCLK
24
I
SCLK is the clock for the SD serial bus.The data on SD is clocked at the rising edge. SCLK is an input
clock and it is asynchronous to the internal master clock (MCLK)The maximum rate of this clock is
11MHz or one half the master clock frequency, whichever is lower.
SDI
23
I
This pin is not used in the 4 wire interface described in this data sheet. It should not be left floating.
R/W8
I
R/W is an input to the HFA3860 used to change the direction of the SD bus when reading or writing
data on the SD bus. R/W also enables the serial shift register used in a read cycle. R/W must be set
up prior to the rising edge of SCLK. A high level indicates read while a low level is a write.
CS
9
I
CS is a Chip select for the device to activate the serial control port.The CS doesn’t impact any of the
other interface ports and signals, i.e., the TX or RX ports and interface signals. This is an active low
signal. When inactive SD, SCLK, and R/W become “don’t care” signals.
TEST 7:0
37, 38, 39,
40, 43, 44,
45, 46
O
This is a data port that can be programmed to bring out internal signals or data for monitoring. These
bits are primarily reserved by the manufacturer for testing. A further description of the test port is given
at the appropriate section of this data sheet.
Pin Descriptions (Continued)
NAME
PIN
TYPE I/O
DESCRIPTION
HFA3860


Similar Part No. - HFA3860IV96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860BIV INTERSIL-HFA3860BIV Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results

Similar Description - HFA3860IV96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com