Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9925 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9925
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9925_15 Datasheet HTML 3Page - Analog Devices AD9925_15 Datasheet HTML 4Page - Analog Devices AD9925_15 Datasheet HTML 5Page - Analog Devices AD9925_15 Datasheet HTML 6Page - Analog Devices AD9925_15 Datasheet HTML 7Page - Analog Devices AD9925_15 Datasheet HTML 8Page - Analog Devices AD9925_15 Datasheet HTML 9Page - Analog Devices AD9925_15 Datasheet HTML 10Page - Analog Devices AD9925_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
AD9925
Rev. A | Page 7 of 96
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = DRVDD = 3.0 V, fCLI = 36 MHz, unless otherwise noted.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK, CLI (Figure 17)
CLI Clock Period
tCONV
27.8
ns
CLI High/Low Pulse Width
11.2
13.9
16.6
ns
Delay from CLI Rising Edge to Internal Pixel Position 0
tCLIDLY
6
ns
AFE CLPOB PULSE WIDTH1, 2 (Figure 23 and Figure 29)
2
20
Pixels
AFE SAMPLE LOCATION1 (Figure 20)
SHP Sample Edge to SHD Sample Edge
tS1
12.5
13.9
ns
DATA OUTPUTS (Figure 21 and Figure 22)
Output Delay from DCLK Rising Edge, Default Value1
tOD
8
ns
Inhibited Area for DOUTPHASE Edge Location1
tDOUTINH
SHDLOC
SHDLOC + 11
Pipeline Delay from SHP/SHD Sampling to DOUT
11
Cycles
SERIAL INTERFACE (Figure 74 and Figure 75)
Maximum SCK Frequency
fSCLK
36
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
1 Parameter is register-programmable.
2 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.


Similar Part No. - AD9925_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9925BBCZ AD-AD9925BBCZ Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925BBCZRL AD-AD9925BBCZRL Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results

Similar Description - AD9925_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com