Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9923A Datasheet(PDF) 6 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing Generator
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9923A_15 Datasheet HTML 2Page - Analog Devices AD9923A_15 Datasheet HTML 3Page - Analog Devices AD9923A_15 Datasheet HTML 4Page - Analog Devices AD9923A_15 Datasheet HTML 5Page - Analog Devices AD9923A_15 Datasheet HTML 6Page - Analog Devices AD9923A_15 Datasheet HTML 7Page - Analog Devices AD9923A_15 Datasheet HTML 8Page - Analog Devices AD9923A_15 Datasheet HTML 9Page - Analog Devices AD9923A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
AD9923A
Rev. A | Page 6 of 84
Parameter
Conditions/Comments
Min
Typ
Max
Unit
BLACK LEVEL CLAMP
Measured at ADC output
Clamp Level Resolution
1024
Steps
Minimum Clamp Level (Code 0)
0
LSB
Maximum Clamp Level (Code 1023)
255
LSB
ANALOG-TO-DIGITAL CONVERTER (ADC)
Resolution
12
Bits
Differential Nonlinearity (DNL)
−1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain
Gain Accuracy
Low Gain (VGA Code 15)
Default CDS gain (0 dB)
6.0
6.5
7.0
dB
Maximum Gain (VGA Code 1023)
42.0
42.5
43.0
dB
Peak Nonlinearity, 500 mV Input Signal
12 dB gain applied
0.1
%
Total Output Noise
AC-grounded input, 6 dB gain applied
1.0
LSB rms
Power Supply Rejection (PSR)
Measured with step change on supply
50
dB
1 Input signal characteristics are defined as shown in Figure 3.
200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
(0dB CDS GAIN)
Figure 3. Signal Characteristics
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = DRVDD = 3.0 V, fCLI = 36 MHz, unless otherwise noted.
Table 6.
Parameter
Conditions/Comments
Symbol
Min
Typ
Max
Unit
MASTER CLOCK, CLI
CLI Clock Period
tCONV
27.8
ns
CLI High/Low Pulse Width
11.2
13.9
16.6
ns
Delay from CLI Rising Edge to Internal Pixel
Position 0
tCLIDLY
6
ns
AFE CLPOB Pulse Width1, 2
2
20
Pixels
Allowable Region for HD Falling Edge to CLI
Rising Edge
Only valid in slave mode
tHDCLI
4
tCONV − 2
ns
SHP Inhibit Region
Only valid in slave mode
tSHPINH
30
39
Edge
location
AFE SAMPLE LOCATION1
SHP Sample Edge to SHD Sample Edge
tS1
11.6
13.9
ns
DATA OUTPUTS
Output Delay from DCLK Rising Edge1
tOD
8
ns
Inhibited Area for DOUTPHASE Edge
Location
SHD
SHD + 11
Edge
location
Pipeline Delay from SHP/SHD Sampling to
Data Output
16
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
36
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns


Similar Part No. - AD9923A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923ABBCZ AD-AD9923ABBCZ Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923ABBCZRL AD-AD9923ABBCZRL Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
More results

Similar Description - AD9923A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
   60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com