Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9911 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9911_15 Datasheet HTML 4Page - Analog Devices AD9911_15 Datasheet HTML 5Page - Analog Devices AD9911_15 Datasheet HTML 6Page - Analog Devices AD9911_15 Datasheet HTML 7Page - Analog Devices AD9911_15 Datasheet HTML 8Page - Analog Devices AD9911_15 Datasheet HTML 9Page - Analog Devices AD9911_15 Datasheet HTML 10Page - Analog Devices AD9911_15 Datasheet HTML 11Page - Analog Devices AD9911_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9911
Rev. 0 | Page 8 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DATA LATENCY (PIPELINE DELAY) SINGLE-
TONE MODE2, 3
Frequency, Phase, and Amplitude Words to
DAC Output with Matched Latency Enabled
29
SYSCLK
cycles
Frequency Word to DAC Output with
Matched Latency Disabled
29
SYSCLK
cycles
Phase Offset Word to DAC Output with
Matched Latency Disabled
25
SYSCLK
cycles
Amplitude Word to DAC Output with
Matched Latency Disabled
17
SYSCLK
cycles
DATA LATENCY (PIPELINE DELAY)
MODULATION MODE4
Frequency Word to DAC Output
34
SYSCLK
Cycles
Phase Offset Word to DAC Output
29
SYSCLK
Cycles
Amplitude Word to DAC Output
21
SYSCLK
Cycles
DATA LATENCY (PIPELINE DELAY) LINEAR
SWEEP MODE4
Frequency Rising/Falling Delta Tuning Word
to DAC Output
41
SYSCLK
Cycles
Phase Offset Rising/Falling Delta Tuning
Word to DAC Output
37
SYSCLK
Cycles
Amplitude Rising/Falling Delta Tuning Word
to DAC Output
29
SYSCLK
Cycles
1 For the VCO frequency range of 160 MHz to 255 MHz, the appropriate setting for the VCO gain bit is dependent upon supply, temperature and process. Therefore, in a
production environment this frequency band must be avoided.
2 Data latency is reference to the I/O_UPDATE pin.
3 Data latency is fixed and the units are system clock (SYSCLK) cycles
4 Data latency is referenced to a profile change.


Similar Part No. - AD9911_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
More results

Similar Description - AD9911_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9911 AD-AD9911 Datasheet
943Kb / 44P
   500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
AD9913 AD-AD9913 Datasheet
690Kb / 32P
   Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
REV. 0
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Analog Devices
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com